Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A22Z-R25 Datasheet(PDF) 25 Page - Omron Electronics LLC

Part # A22Z-R25
Description  Install in 22-dia. or 25-dia. Panel Cutout (When Using a Ring)
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A22Z-R25 Datasheet(HTML) 25 Page - Omron Electronics LLC

Back Button A22Z-R25 Datasheet HTML 21Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 22Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 23Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 24Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 25Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 26Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 27Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 28Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 29Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 30 page
background image
A22
25
• Tighten the mounting nut at a torque of 0.98 to 1.96 N·m.
• When using a Lock Ring, replace with the supplied Lock Ring,
insert the projecting part into the lock slot, and then tighten the
mounting nut.
• When the panel cutout dimension is 25 dia., remove the supplied
rubber washer and mount the 25-dia. Ring as shown below. (Since the
A22Z-R25 is not attached to the main body, order separately.)
Mounting the Switch on the Pushbutton Unit
• Insert the Pushbutton Unit into the Switch Unit, aligning the arrow
mark inscribed on the Case with the lever on the Switch Blocks,
then move the lever in the direction indicated by the arrow in the
following figure.
Removing the Switch
• Move the lever in the
direction indicated by the
arrow in the following figure,
then pull the Pushbutton
Unit or the Switch Blocks.
Since the lever has a hole
with an inside diameter of
6.5 mm, the lever can be
moved in the specified
direction by inserting a
screwdriver into the hole and
then moving the
screwdriver.
Mounting/Replacing the Color Cap
Projection, Fall-guard
• Grip and rotate the Color Cap with your fingers.
Half-guard Indicators
• Put the tips of the Cap Tightening Tool (A22Z-3908) into the Color
Cap slot and turn the Tool.
Assembling the Cap
Lighted Pushbutton Switch
• Mount the Color Cap so that the protrusions inside the cap fit into
the grooves in the Pushbutton Unit.
Indicator
• Mount the Color Cap so that the protrusions inside the Pushbutton
Unit fit into the grooves in the cap.
Hold here
Rubber washer
Mounting nut
Panel
Projecting
part
Lock Ring
Panel
Lock Ring
22.3 dia.
0.5
1.3
Lock Ring
Mounting nut
Panel
25 dia.
25 dia.
22.3 dia.
25-dia. Ring (A22Z-R25)
22 dia.
Operation Unit
Operation Unit
Arrow mark
Lever
Screwdriver
Protrusion
inside cap
Color Cap
Protrusion
Grooves
Cap
Color Cap



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com