Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A22Z-R25 Datasheet(PDF) 14 Page - Omron Electronics LLC

Part # A22Z-R25
Description  Install in 22-dia. or 25-dia. Panel Cutout (When Using a Ring)
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A22Z-R25 Datasheet(HTML) 14 Page - Omron Electronics LLC

Back Button A22Z-R25 Datasheet HTML 10Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 11Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 12Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 13Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 14Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 15Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 16Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 17Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 18Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
A22
14
Specifications
Characteristics
*1. Malfunction within 1 ms.
*2. With no icing or condensation.
*3. Degree of protection from the front of the panel.
Operating Characteristics (for SPST-NO/SPST-NC)
* Rotation torque for Knob-type Selector and Key-type Selector Switches.
Type
Pushbutton Switches
Knob-type Selector Switches
Key-type
Selector Switch
Indicator
Item
Non-lighted models:
A22-F A22-T
A22-G A22-H
A22-S A22-M
A22-C A22-D
Lighted models:
A22L-T A22L-G
A22L-H A22L-C
A22L-D
Non-lighted model:
A22S
Lighted model:
A22W
Non-lighted model:
A22K
M22
Allowable
operating
frequency
Mechanical
Momentary operation:
60 operations/minute max.
Manual reset: 30 operations/minute max.
Automatic reset: 30 operations/minute max.
---
Electrical
30 operations/minute max.
---
Insulation resistance
100 M
Ω min. (at 500 VDC)
Contact
resistance
Standard load
100 m
Ω max. (initial value)
Microload
100 m
Ω max. (initial value)
Dielectric
strength
Between termi-
nals of same
polarity
2,500VAC, 50/60Hz for 1min
Between each
terminal and
ground
2,500VAC, 50/60Hz for 1min
Vibration
resistance
Malfunction *1
Malfunction *2: 10 to 55 Hz, 1.5-mm double amplitude
Shock
resistance
Destruction
1,000 m/s2 max.
1,000 m/s2 max.
1,000 m/s2 max.
1,000 m/s2 max.
1,000 m/s2 max.
1,000 m/s2 max.
Malfunction *1
1,000 m/s2 max.
600 m/s2 max.
1,000 m/s2 max.
600 m/s2 max.
1000 m/s2 max.
600 m/s2 max.
Durability
Mechanical
Momentary operation:
5,000,000 operations min.
500,000
operations min.
100,000
operations min.
500,000
operations min.
---
Electrical
500,000 operations min.
500,000
operations min.
100,000
operations min.
500,000
operations min.
---
Ambient operating
temperature * 2
−20°C to 70°C
−20°C to 55°C
−20°C to 70°C
−20°C to 55°C
−20°C to 70°C
−20°C to 55°C
Ambient operating
humidity
35% to 85% RH
Ambient storage
temperature *2
−40°C to 70°C
Degree of protection *3
IP65
(oil-resistant)
IP65
IP65
(oil-resistant)
IP65
IP65
(oil-resistant)
IP65
Electric shock protection
class
Class II
PTI
(tracking characteristic)
175
Degree of contamination
3 (IEC947-5-1)
Type
Pushbutton Switches
Knob-type Selector
Key-type Selector Switch
Item
Lighted Nonlighted
Pushbutton
Switches
Manual reset
Automatic reset
Manual reset
Automatic reset
A22-F A22-T
A22-G A22-H
A22-C A22-D
A22-S A22-M
A22L-T A22L-G
A22L-H A22L-C
A22L-D
A22S
A22W
A22K
Total travel force
(TTF) max.
29.4 N
0.34 N·m*
0.25 N·m for two notches *
0.34 N·m for three notches *
0.34 N·m*
0.25 N·m for two notches *
0.34 N·m for three notches *
Total travel (TT)
5.5 mm max.
Approx. 90
° for two notches
(Approx. 45
° for three notches)
Approx. 90
° for two notches
(Approx. 45
° for three notches)
Resetting force
(RF) min.
---
0.34 N·m max.*
---
0.34 N·m max.*
---



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com