Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VBWFD1 Datasheet(PDF) 16 Page - Midas Components

Part # VBWFD1
Description  LCD Module
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIDASDISPLAYS [Midas Components]
Direct Link  https://midasdisplays.com/
Logo MIDASDISPLAYS - Midas Components

VBWFD1 Datasheet(HTML) 16 Page - Midas Components

Back Button VBWFD1 Datasheet HTML 12Page - Midas Components VBWFD1 Datasheet HTML 13Page - Midas Components VBWFD1 Datasheet HTML 14Page - Midas Components VBWFD1 Datasheet HTML 15Page - Midas Components VBWFD1 Datasheet HTML 16Page - Midas Components VBWFD1 Datasheet HTML 17Page - Midas Components VBWFD1 Datasheet HTML 18Page - Midas Components VBWFD1 Datasheet HTML 19Page - Midas Components VBWFD1 Datasheet HTML 20Page - Midas Components Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
Optical Characteristics
Item
Symbol
Condition
Min
Typ
Max
Unit
(V)θ
CR
2
≧
20
-
40
deg
View Angle
(H)φ
CR
2
≧
-30
-
30
deg
Contrast Ratio
CR
-
3
-
-
T rise
-
-
100
150
ms
Response Time
T fall
-
-
100
150
ms
Definition of Operation Voltage (Vop)
Definition of Response Time ( Tr , Tf )
Driving Voltage(V)
Intensity
Cr Max
100%
Vop
Selected Wave
Non-selected Wave
[positive type]
Cr = Lon / Loff
Intensity
90%
100%
Tr
10%
Tf
Non-selected
Conition
Non-selected
Conition
Selected Conition
[positive type]
Conditions :
Operating Voltage : Vop
Viewing Angle(θ,φ) : 0°, 0°
Frame Frequency : 64 HZ Driving Waveform : 1/N duty , 1/a bias
Definition of viewing angle(CR
2)
≧
≧
≧
≧
θf
φ= 180°
φ= 90°
φ= 0°
φ= 270°
θb
θr
θl
Page 16 of 25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com