Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VBWFD1 Datasheet(PDF) 17 Page - Midas Components

Part # VBWFD1
Description  LCD Module
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIDASDISPLAYS [Midas Components]
Direct Link  https://midasdisplays.com/
Logo MIDASDISPLAYS - Midas Components

VBWFD1 Datasheet(HTML) 17 Page - Midas Components

Back Button VBWFD1 Datasheet HTML 13Page - Midas Components VBWFD1 Datasheet HTML 14Page - Midas Components VBWFD1 Datasheet HTML 15Page - Midas Components VBWFD1 Datasheet HTML 16Page - Midas Components VBWFD1 Datasheet HTML 17Page - Midas Components VBWFD1 Datasheet HTML 18Page - Midas Components VBWFD1 Datasheet HTML 19Page - Midas Components VBWFD1 Datasheet HTML 20Page - Midas Components VBWFD1 Datasheet HTML 21Page - Midas Components Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
Absolute Maximum Ratings
Item
Symbol
Min
Typ
Max
Unit
Operating Temperature
TOP
-20
-
+70
℃
Storage Temperature
TST
-30
-
+80
℃
Input Voltage
VI
0
-
VDD
V
Supply Voltage For Logic
VDD
0
-
6.7
V
Supply Voltage For LCD
VDD-VLCD
0
-
-10
V
Electrical Characteristics
Item
Symbol
Condition
Min
Typ
Max
Unit
Supply Voltage For
Logic
VDD-VSS
-
4.75
5.0
5.25
V
Supply Voltage For LCD
Input High Volt.
VIH
-
2.0
-
VDD
V
Input Low Volt.
VIL
-
0
-
1.2
V
Output High Volt.
VOH
-
VDD-0.3
-
VDD
V
Output Low Volt.
VOL
-
0
-
0.3
V
Supply Current
IDD
-
-
1.4
-
mA
*Note
VDD-VO
Ta=-20℃
Ta=25℃
Ta=70℃
-
4.2
-
-
4.35
-
-
4.5
-
V
V
V
Page 17 of 25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com