Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VBWFD1 Datasheet(PDF) 25 Page - Midas Components

Part # VBWFD1
Description  LCD Module
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIDASDISPLAYS [Midas Components]
Direct Link  https://midasdisplays.com/
Logo MIDASDISPLAYS - Midas Components

VBWFD1 Datasheet(HTML) 25 Page - Midas Components

Back Button VBWFD1 Datasheet HTML 17Page - Midas Components VBWFD1 Datasheet HTML 18Page - Midas Components VBWFD1 Datasheet HTML 19Page - Midas Components VBWFD1 Datasheet HTML 20Page - Midas Components VBWFD1 Datasheet HTML 21Page - Midas Components VBWFD1 Datasheet HTML 22Page - Midas Components VBWFD1 Datasheet HTML 23Page - Midas Components VBWFD1 Datasheet HTML 24Page - Midas Components VBWFD1 Datasheet HTML 25Page - Midas Components  
Zoom Inzoom in Zoom Outzoom out
 25 / 25 page
background image
Material List of Components for RoHs
1.
hereby declares that all of or part of products, including, but not limited to, the LCM,
accessories or packages, manufactured and/or delivered to your company (including your
subsidiaries and affiliated company) directly or indirectly by our company (including our
subsidiaries or affiliated companies) do not intentionally contain any of the substances listed
in all applicable EU directives and regulations, including the following substances.
Exhibit A:The Harmful Material List
Material
(Cd)
(Pb)
(Hg)
(Cr6+)
PBBs
PBDEs
Limited
Value
100
ppm
1000
ppm
1000
ppm
1000
ppm
1000
ppm
1000
ppm
Above limited value is set up according to RoHS.
2. Process for RoHS requirement:
(1) Use the Sn/Ag/Cu soldering surface;the surface of Pb-free solder is rougher than we used
before.
(2) Heat-resistance temp.:
Reflow:250
,30 seconds Max.
℃
;
Connector soldering wave or hand soldering:320
, 10 seconds max.
℃
(3) Temp. curve of reflow, max. Temp.:235±5℃;
Recommended customer’s soldering temp. of connector:280
, 3 seconds.
℃
Recommendable storage
1.Place the panel or module in the temperature 25°C±5°C and the humidity below 65% RH
2.Do not place the module near organics solvents or corrosive gases.
3. Do not crush, shake, or jolt the module
Page 25 of 25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com