Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VBWFD1 Datasheet(PDF) 20 Page - Midas Components

Part # VBWFD1
Description  LCD Module
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIDASDISPLAYS [Midas Components]
Direct Link  https://midasdisplays.com/
Logo MIDASDISPLAYS - Midas Components

VBWFD1 Datasheet(HTML) 20 Page - Midas Components

Back Button VBWFD1 Datasheet HTML 16Page - Midas Components VBWFD1 Datasheet HTML 17Page - Midas Components VBWFD1 Datasheet HTML 18Page - Midas Components VBWFD1 Datasheet HTML 19Page - Midas Components VBWFD1 Datasheet HTML 20Page - Midas Components VBWFD1 Datasheet HTML 21Page - Midas Components VBWFD1 Datasheet HTML 22Page - Midas Components VBWFD1 Datasheet HTML 23Page - Midas Components VBWFD1 Datasheet HTML 24Page - Midas Components Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
Inspection specification
NO
Item
Criterion
AQL
01
Electrical
Testing
1.1 Missing vertical, horizontal segment, segment contrast
defect.
1.2 Missing character , dot or icon.
1.3 Display malfunction.
1.4 No function or no display.
1.5 Current consumption exceeds product specifications.
1.6 LCD viewing angle defect.
1.7 Mixed product types.
Contrast defect.
0.65
02
Black or
white spots
on LCD
(display only)
03
LCD black
spots, white
spots,
contaminatio
n
(non-display)
3.2 Line type : (As following drawing)
Length
Width
Acceptable Q
TY
---
W≦0.02
Accept no
dense
L≦3.0
0.02<W≦0.03
L≦2.5
0.03<W≦0.05
2
---
0.05<W
As round type
2.5
04
Polarizer
bubbles
If bubbles are visible,
judge using black spot
specifications, not
easy to find, must
check in specify
direction.
Size Φ
Acceptable Q
TY
Φ≦0.20
Accept no
dense
0.20<Φ≦0.50
3
0.50<Φ≦1.00
2
1.00<Φ
0
Total Q TY
3
2.5
2.1 White and black spots on display ≦0.25mm, no more
than three white or black spots present.
2.2 Densely spaced: No more than two spots or lines within
3mm
2.5
3.1 Round type : As following drawing
Φ=( x + y ) / 2
2.5
Page 20 of 25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com