Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VBWFD1 Datasheet(PDF) 24 Page - Midas Components

Part # VBWFD1
Description  LCD Module
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIDASDISPLAYS [Midas Components]
Direct Link  https://midasdisplays.com/
Logo MIDASDISPLAYS - Midas Components

VBWFD1 Datasheet(HTML) 24 Page - Midas Components

Back Button VBWFD1 Datasheet HTML 17Page - Midas Components VBWFD1 Datasheet HTML 18Page - Midas Components VBWFD1 Datasheet HTML 19Page - Midas Components VBWFD1 Datasheet HTML 20Page - Midas Components VBWFD1 Datasheet HTML 21Page - Midas Components VBWFD1 Datasheet HTML 22Page - Midas Components VBWFD1 Datasheet HTML 23Page - Midas Components VBWFD1 Datasheet HTML 24Page - Midas Components VBWFD1 Datasheet HTML 25Page - Midas Components  
Zoom Inzoom in Zoom Outzoom out
 24 / 25 page
background image
NO
Item
Criterion
AQL
0.65
0.65
0.65
12
General
appearance
12.1 No oxidation, contamination, curves or, bends on
interface Pin (OLB) of TCP.
12.2 No cracks on interface pin (OLB) of TCP.
12.3 No contamination, solder residue or solder balls on
product.
12.4 The IC on the TCP may not be damaged, circuits.
12.5 The uppermost edge of the protective strip on the
interface pin must be present or look as if it cause the
interface pin to sever.
12.6 The residual rosin or tin oil of soldering (component or
chip component) is not burned into brown or black color.
12.7 Sealant on top of the ITO circuit has not hardened.
12.8 Pin type must match type in specification sheet.
12.9 LCD pin loose or missing pins.
12.10 Product packaging must the same as specified on
packaging specification sheet.
12.11 Product dimension and structure must conform to
product specification sheet.
2.5
0.65
2.5
2.5
2.5
2.5
2.5
0.65
Precautions in use of LCD Modules
(1)Avoid applying excessive shocks to the module or making any alterations or modifications
to it.
(2)Don’t make extra holes on the printed circuit board, modify its shape or change the
components of LCD module.
(3)Don’t disassemble the LCM.
(4)Don’t operate it above the absolute maximum rating.
(5)Don’t drop, bend or twist LCM.
(6)Soldering: only to the I/O terminals.
(7)Storage: please storage in anti-static electricity container and clean environment.
(8)
have the right to change the passive components
(Resistors,capacitors and other passive components will have different appearance and
color caused by the different supplier.)
(9)
have the right to change the PCB Rev.
Page 24 of 25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com