Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VBWFD1 Datasheet(PDF) 4 Page - Midas Components

Part # VBWFD1
Description  LCD Module
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIDASDISPLAYS [Midas Components]
Direct Link  https://midasdisplays.com/
Logo MIDASDISPLAYS - Midas Components

VBWFD1 Datasheet(HTML) 4 Page - Midas Components

  VBWFD1 Datasheet HTML 1Page - Midas Components VBWFD1 Datasheet HTML 2Page - Midas Components VBWFD1 Datasheet HTML 3Page - Midas Components VBWFD1 Datasheet HTML 4Page - Midas Components VBWFD1 Datasheet HTML 5Page - Midas Components VBWFD1 Datasheet HTML 6Page - Midas Components VBWFD1 Datasheet HTML 7Page - Midas Components VBWFD1 Datasheet HTML 8Page - Midas Components VBWFD1 Datasheet HTML 9Page - Midas Components Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
Outline Dimension & Block Diagram
SCALE 15/1
DOT SIZE
0.345
0.375
3.3
5.5Max
0.4(PCB)
21.5
P1.27*17=21.59
50.0
4.5
45.72(AA)
52.0(VA)
56.3(VA)(FRAME)
59.0㊣0.5
6.69
3.5
1.4
2-R1.25PTH
LED B/L
NC
18
VEE
17
R/W
1
VLED
3
4
7
6
5
E1
E2
AO
VO
VDD
9
11
12
10
DB2
DB1
8
DB0
2
VSS
14
15
16
DB4
DB5
DB7
DB6
13
DB3
18-? 0.7PTH
18-? 1.0PAD
External contrast adjustment.
10K~20K
Vee
VR
Vo
Vss
Vdd
Optional
(Internal clock)
CL,FR
or Equivalent
SBN1661G_M18-D
or Equivalent
A0
R/W
E2
Com17~32,Seg62~122
Com1~16,Seg1~61
SBN1661G_M18-D
122X32 DOT
68 series
DB0~DB7
E1
MPU
Page 4 of 25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com