Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VBWFD1 Datasheet(PDF) 19 Page - Midas Components

Part # VBWFD1
Description  LCD Module
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIDASDISPLAYS [Midas Components]
Direct Link  https://midasdisplays.com/
Logo MIDASDISPLAYS - Midas Components

VBWFD1 Datasheet(HTML) 19 Page - Midas Components

Back Button VBWFD1 Datasheet HTML 15Page - Midas Components VBWFD1 Datasheet HTML 16Page - Midas Components VBWFD1 Datasheet HTML 17Page - Midas Components VBWFD1 Datasheet HTML 18Page - Midas Components VBWFD1 Datasheet HTML 19Page - Midas Components VBWFD1 Datasheet HTML 20Page - Midas Components VBWFD1 Datasheet HTML 21Page - Midas Components VBWFD1 Datasheet HTML 22Page - Midas Components VBWFD1 Datasheet HTML 23Page - Midas Components Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
Reliability
Content of Reliability Test (wide temperature, -20℃
℃
℃
℃
~70
℃
℃
℃
℃)
Note1: No dew condensation to be observed.
Note2: The function test shall be conducted after 4 hours storage at the normal
Temperature and humidity after remove from the test chamber.
Note3: Vibration test will be conducted to the product itself without putting it in a
container.
Environmental Test
Test Item
Content of Test
Test Condition
Note
High Temperature storage
Endurance test applying the high storage temperature for a
long time.
80℃
200hrs
2
Low Temperature
storage
Endurance test applying the high storage temperature for a
High Temperature
Operation
Endurance test applying the electric stress (Voltage &
Current) and the thermal stress to the element for a long
time.
70℃
200hrs
——
Low Temperature
Operation
Endurance test applying the electric stress under low
High Temperature/
Humidity Operation
The module should be allowed to stand at 60℃,90%RH
Thermal shock resistance
of
operation
-20℃
25℃
70℃
30min
5min
30min
1 cycle
-20℃/70℃
10 cycles
——
Vibration test
Endurance test applying the vibration during transportation
and using.
Total fixed amplitude :
15mm
Vibration Frequency :
10~55Hz
One cycle 60 seconds
to 3 directions of X,Y,Z
for
Each 15
minutes
3
Static electricity test
Endurance test applying the electric stress to the terminal.
VS=800V,RS=1.5k
CS=100pF
1 time
——
long time.
-30℃
200hrs
1,2
temperature for a long time.
-20℃
200hrs
1
Then taking it out and drying it at normal temperature.
60℃,90%RH
96hrs
1,2
max
For 96hrs under no-load condition excluding the polarizer,
The sample should be allowed stand the following 10 cycles
Page 19 of 25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com