Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VBWFD1 Datasheet(PDF) 6 Page - Midas Components

Part # VBWFD1
Description  LCD Module
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIDASDISPLAYS [Midas Components]
Direct Link  https://midasdisplays.com/
Logo MIDASDISPLAYS - Midas Components

VBWFD1 Datasheet(HTML) 6 Page - Midas Components

Back Button VBWFD1 Datasheet HTML 2Page - Midas Components VBWFD1 Datasheet HTML 3Page - Midas Components VBWFD1 Datasheet HTML 4Page - Midas Components VBWFD1 Datasheet HTML 5Page - Midas Components VBWFD1 Datasheet HTML 6Page - Midas Components VBWFD1 Datasheet HTML 7Page - Midas Components VBWFD1 Datasheet HTML 8Page - Midas Components VBWFD1 Datasheet HTML 9Page - Midas Components VBWFD1 Datasheet HTML 10Page - Midas Components Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
Busy flag
◆
◆
◆
◆
When the Busy flag is logical 1, the SBN1661G_M18-D series is executing its internal
operations.
Any command other than Status Read is rejected during this time. The Busy
flag is output at pin D7 by the Status Read command.
If an appropriate cycle time (tCYC)
is given, this flag needs not be checked at the beginning of each command and, therefore,
the MPU processing capacity can greatly be enhanced.
Display
◆
◆
◆
◆
Start Line and Line Count Registers
The contents of this register form a pointer to a line of data in display data RAM
corresponding to the first line of the display (COM0), and are set by the Display Start Line
command.
Column Address Counter
◆
◆
◆
◆
The column address counter is a 7-bit presettable counter that supplies the column
address for MPU access to the display data RAM.
See Figure 1.
The counter is
incremented by one every time the driver receives a Read or Write Display Data command.
Addresses above 50H are invalid, and the counter will not increment past this value.
The
contents of the column address counter are set with the Set Column Address command.
Display Data RAM
◆
◆
◆
◆
The display data RAM stores the LCD display data, on a 1-bit per pixel basis.
The
relation-ship between display data, display address and the display is shown in Figure 1.
Page Register
◆
◆
◆
◆
The page register is a 2-bit register that supplies the page address for MPU access to the
display data RAM.
See the follow Figure. The contents of the page register are set by
the Set Page Register command.
Page 6 of 25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com