Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VBWFD1 Datasheet(PDF) 8 Page - Midas Components

Part # VBWFD1
Description  LCD Module
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIDASDISPLAYS [Midas Components]
Direct Link  https://midasdisplays.com/
Logo MIDASDISPLAYS - Midas Components

VBWFD1 Datasheet(HTML) 8 Page - Midas Components

Back Button VBWFD1 Datasheet HTML 4Page - Midas Components VBWFD1 Datasheet HTML 5Page - Midas Components VBWFD1 Datasheet HTML 6Page - Midas Components VBWFD1 Datasheet HTML 7Page - Midas Components VBWFD1 Datasheet HTML 8Page - Midas Components VBWFD1 Datasheet HTML 9Page - Midas Components VBWFD1 Datasheet HTML 10Page - Midas Components VBWFD1 Datasheet HTML 11Page - Midas Components VBWFD1 Datasheet HTML 12Page - Midas Components Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
◆
Commands Descriptions
The host microcontroller can issue commands to the SBN1661G_X. Table 27 lists all the
commands. When issuing a command, the host microcontroller should put the command code
on the data bus. The host microcontroller should also give the control bus C/D, E(RD), and
R/W(WR) proper value and timing.
Commands
Write Display Data
The Write Display Data command writes a byte (8 bits) of data to the Display Data Memory.
Data is put on the data bus by the host microcontroller. The location which accepts this byte of
data is pointed to by the Page Address Register and the Column Address Register. At the end of
the command operation, the content of the Column Address Register is automatically
incremented by 1.
The setting of the control bus for issuing Write Display Data command
Read Display Data
The Read Display Data command starts a 3-step operation.
1. First, the current data of the internal 8-bit output latch of the Display Data Memory is read by
the
microcontroller, via the 8-bit data bus DB0~DB7.
2. Then, a byte of data of the Display Data Memory is transferred to the 8-bit output latch from a
location specified by the Page Address Register and the Column Address Register.
3. Finally, the content of the Column Address Register is automatically incremented by one.
Follow figure shows the internal 8-bit ouptut latch located between the 8-bit I/O data bus and
the Display Data Memory cell array. Because of this internal 8-bit output latch, a dummy read
is needed to obtain correct data from the Display Data Memory. For Display Data Write
operation, a dummy write is not needed, because data can be directly written from the data
bus to internal memory cells.
Page 8 of 25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com