Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VBWFD1 Datasheet(PDF) 2 Page - Midas Components

Part # VBWFD1
Description  LCD Module
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIDASDISPLAYS [Midas Components]
Direct Link  https://midasdisplays.com/
Logo MIDASDISPLAYS - Midas Components

VBWFD1 Datasheet(HTML) 2 Page - Midas Components

  VBWFD1 Datasheet HTML 1Page - Midas Components VBWFD1 Datasheet HTML 2Page - Midas Components VBWFD1 Datasheet HTML 3Page - Midas Components VBWFD1 Datasheet HTML 4Page - Midas Components VBWFD1 Datasheet HTML 5Page - Midas Components VBWFD1 Datasheet HTML 6Page - Midas Components VBWFD1 Datasheet HTML 7Page - Midas Components VBWFD1 Datasheet HTML 8Page - Midas Components VBWFD1 Datasheet HTML 9Page - Midas Components Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
General Specification
The Features is described as follow:
Module dimension: 59.0 x 29.3 x 5.5 (max.) mm
3
View area: 52.0 x 15 mm
2
Active area: 45.72x 12.0 mm
2
Number of Dots: 122 x 32
Dot size: 0.345 x 0.345 mm
2
Dot pitch: 0.375 x 0.375 mm
2
LCD type: STN Positive, Yellow Green
Transflective,
Duty: 1/32
View direction: 6 o’clock
Backlight Type: LED, Yellow Green
Page 2 of 25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com