Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VBWFD1 Datasheet(PDF) 3 Page - Midas Components

Part # VBWFD1
Description  LCD Module
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIDASDISPLAYS [Midas Components]
Direct Link  https://midasdisplays.com/
Logo MIDASDISPLAYS - Midas Components

VBWFD1 Datasheet(HTML) 3 Page - Midas Components

  VBWFD1 Datasheet HTML 1Page - Midas Components VBWFD1 Datasheet HTML 2Page - Midas Components VBWFD1 Datasheet HTML 3Page - Midas Components VBWFD1 Datasheet HTML 4Page - Midas Components VBWFD1 Datasheet HTML 5Page - Midas Components VBWFD1 Datasheet HTML 6Page - Midas Components VBWFD1 Datasheet HTML 7Page - Midas Components VBWFD1 Datasheet HTML 8Page - Midas Components VBWFD1 Datasheet HTML 9Page - Midas Components Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
Interface Pin Function
Pin No.
Symbol
Level
Description
1
/VLED
Power supply for LED B/L “-”
2
Vss
0V
Ground
3
Vdd
5.0V
Power supply for logic
4
Vo
(Variable) Operating voltage for LCD
5
A0
H/L
H : Data L : Instruction
6
E1
H/L
Chip select signal for IC1 ( left 61*32 dots ) active “H”
7
E2
H/L
Chip select signal for IC2 ( right 61*32 dots ) active “H”
8
DB0
H/L
Data bus line
9
DB1
H/L
Data bus line
10
DB2
H/L
Data bus line
11
DB3
H/L
Data bus line
12
DB4
H/L
Data bus line
13
DB5
H/L
Data bus line
14
DB6
H/L
Data bus line
15
DB7
H/L
Data bus line
16
R/W
H/L
H : Read ; L : Write
17
VEE
Negative Voltage Output
18
NC
NC
Page 3 of 25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com