Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VBWFD1 Datasheet(PDF) 18 Page - Midas Components

Part # VBWFD1
Description  LCD Module
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIDASDISPLAYS [Midas Components]
Direct Link  https://midasdisplays.com/
Logo MIDASDISPLAYS - Midas Components

VBWFD1 Datasheet(HTML) 18 Page - Midas Components

Back Button VBWFD1 Datasheet HTML 14Page - Midas Components VBWFD1 Datasheet HTML 15Page - Midas Components VBWFD1 Datasheet HTML 16Page - Midas Components VBWFD1 Datasheet HTML 17Page - Midas Components VBWFD1 Datasheet HTML 18Page - Midas Components VBWFD1 Datasheet HTML 19Page - Midas Components VBWFD1 Datasheet HTML 20Page - Midas Components VBWFD1 Datasheet HTML 21Page - Midas Components VBWFD1 Datasheet HTML 22Page - Midas Components Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
Backlight Information
Specification
PARAMETER
SYMBOL MIN
TYP
MAX
UNIT
TEST
CONDITION
Supply Current ILED
32
40
60
mA
V=5.0V
Supply Voltage V
4.9
5.0
5.1
V
-
-
-
-
Reverse Voltage VR
-
-
-
-
-
-
-
-
8
V
-
-
-
-
Luminous
Intensity
IV
37.28
46.6
-
-
-
-
cd/m
2
Life Time
-
-
-
-
-
-
-
-
100K
-
-
-
-
hr.
ILED
40mA
≦
≦
≦
≦
Color
Yellow Green
Drive from pin1,VDD
R
A
K
B/L
ILED=40mA
Note: The LED of B/L is drive by current only, drive voltage is for reference only.
Drive voltage can make driving current under safety area (current between
minimum and maximum).
pin1
VDD
LCM
Page 18 of 25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com