Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD2437 Datasheet(PDF) 32 Page - Analog Devices

Part # AD2437
Description  A2B Transceiver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD2437 Datasheet(HTML) 32 Page - Analog Devices

Back Button AD2437 Datasheet HTML 28Page - Analog Devices AD2437 Datasheet HTML 29Page - Analog Devices AD2437 Datasheet HTML 30Page - Analog Devices AD2437 Datasheet HTML 31Page - Analog Devices AD2437 Datasheet HTML 32Page - Analog Devices AD2437 Datasheet HTML 33Page - Analog Devices AD2437 Datasheet HTML 34Page - Analog Devices AD2437 Datasheet HTML 35Page - Analog Devices AD2437 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 42 page
background image
Rev. 0
|
Page 32 of 42
|
July 2023
AD2437
OUTPUT DRIVE CURRENTS
Figure 28 through Figure 33 show typical current voltage char-
acteristics for the output drivers of the transceiver. The curves
represent the current drive capability of the output drivers as a
function of output voltage. Drive strength 0 is DS0, and drive
strength 1 is DS1.
Note the following:
•I2C pins only support high drive strength (DS1).
• Digital I/Os include ADR1, ADR2, SCK, MISO, MOSI,
SIOn, BCLK, SYNC, IRQ, and GPIO7 pins.
Figure 28. Digital I/O Drivers (DS0, 1.8 V IOVDD)
Figure 29. Digital I/O Drivers (DS0, 3.3 V IOVDD)
– 2.0
0
0.4
0.8
1.2
2.0
4
– 6.0
VOL
IOVDD = 1.9V @ – 40°C
IOVDD = 1.8V @ 25°C
0
IOVDD = 1.7V @ 125°C
– 4.0
– 8.0
2
1.6
0.2
0.6
1
1.4
1.8
SOURCE VOLTAGE (V)
8
6
VOH
0
0
1.0
2.0
3.0
4.0
– 20
VOL
10
IOVDD = 3.6V @ – 40°C
IOVDD = 3.3V @ 25°C
IOVDD = 3.0V @ 125°C
– 10
– 30
20
0.5
1.5
2.5
3.5
SOURCE VOLTAGE (V)
30
VOH
Figure 30. I2C Drivers (1.8 V IOVDD)
Figure 31. I2C Drivers (3.3 V IOVDD)
Figure 32. Digital I/O Drivers (DS1, 1.8 V IOVDD)
– 1.5
0
0.4
0.8
1.2
2.0
0
– 2.5
VOL
IOVDD = 1.9V @ – 40°C
IOVDD = 1.8V @ 25°C
– 1.0
IOVDD = 1.7V @ 125°C
– 2.0
– 3.0
– 0.5
1.6
0.2
0.6
1
1.4
1.8
SOURCE VOLTAGE (V)
– 3.5
– 4.5
– 4.0
– 5.0
– 8
SOURCE VOLTAGE (V)
0
1.0
3.0
4.0
0
– 16
VOL
IOVDD = 3.6V @ – 40
°C
IOVDD = 3.3V @ 25
°C
– 4
IOVDD = 3.0V @ 125
°C
– 12
2.0
0.5
2.5
3.5
1.5
– 6
– 14
– 2
– 10
– 18
– 10
0
0.4
0.8
1.2
2.0
5
VOL
IOVDD = 1.9V @ – 40°C
IOVDD = 1.8V @ 25°C
– 5
IOVDD = 1.7V @ 125°C
– 15
0
1.6
0.2
0.6
1
1.4
1.8
SOURCE VOLTAGE (V)
15
10
VOH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com