Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD2437 Datasheet(PDF) 3 Page - Analog Devices

Part # AD2437
Description  A2B Transceiver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD2437 Datasheet(HTML) 3 Page - Analog Devices

  AD2437 Datasheet HTML 1Page - Analog Devices AD2437 Datasheet HTML 2Page - Analog Devices AD2437 Datasheet HTML 3Page - Analog Devices AD2437 Datasheet HTML 4Page - Analog Devices AD2437 Datasheet HTML 5Page - Analog Devices AD2437 Datasheet HTML 6Page - Analog Devices AD2437 Datasheet HTML 7Page - Analog Devices AD2437 Datasheet HTML 8Page - Analog Devices AD2437 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
AD2437
Rev. 0
|
Page 3 of 42
|
July 2023
GENERAL DESCRIPTION
The AD2437 A2B
® transceiver provides a multichannel,
I2S/TDM link over distances of up to 30 m between nodes. It
embeds bidirectional synchronous pulse-code modulation
(PCM) data (for example, digital audio), clock, and synchroni-
zation signals onto a single-pair differential cable. A2B supports
a direct point to point connection and allows multiple, daisy-
chained nodes at different locations to contribute and/or con-
sume time division multiplexed channel content.
A2B is a single main node, multiple subordinate node system
where the transceiver at the host controller is the main node.
The main node generates clock, synchronization, and framing
for all subordinate nodes. The main A2B transceiver is program-
mable over a control port (I2C/SPI) for configuration and read
back. An extension of the control port protocol is embedded in
the A2B data stream. This allows direct access to registers and
status information on subordinate transceivers, as well as I2C to
I2C, SPI to I2C, or SPI to SPI communication from the host to a
peripheral in a subordinate node. SPI to SPI communication
between subordinate nodes can be performed directly and does
not need to involve the main node.
The transceiver can connect directly to general-purpose digital
signal processors (DSPs), field-programmable gate arrays
(FPGAs), application specific integrated circuits (ASICs), digital
microphones, analog-to-digital converters (ADCs), digital-to-
analog converters (DACs), and codecs through a multichannel
I2S/TDM interface. It also provides a pulse density modulation
(PDM) interface for direct connection of up to four PDM digital
microphones.
The transceiver supports a bus power feature, where the main
node supplies voltage and current to the subordinate nodes over
the same daisy-chained, single-pair wire or XLR/DMX cable as
used for the communication link.
The transceiver also supports a broad spectrum of Ethernet
cables in which the A2B occupies only one pair of a category
(CAT) cable. This frees up the remaining CAT cable pairs for
power delivery.
A2B BUS DETAILS
Figure 2 shows a single main node, multiple subordinate node
A2B communications system with the main transceiver con-
trolled by the host. The host generates a periodic
synchronization signal on the I2S/TDM interface at a fixed fre-
quency (typically 48 kHz) to which all A2B nodes synchronize.
Communications along the A2B bus occur in periodic super-
frames. The superframe frequency is the same as the
synchronization signal frequency, and data is transferred at a bit
rate that is 1024 times faster (typically 49.152 MHz). Each
superframe is divided into periods of downstream transmission,
upstream transmission, and no transmission (where the bus is
not driven). Data is exchanged over the A2B bus in equal width
slots for both upstream and downstream transmissions. Up to
32 bidirectional slots can be configured at 24 bits, while up to 51
slots can be configured at 16 bits.
The A2B bus also communicates the following control and
status information between nodes:
•I2C to I2C or SPI to I2C/SPI communication
• General-purpose input/output (GPIO)
•Interrupts
In Figure 3, a superframe is shown with an initial period of
downstream transmission and a later period of upstream
transmission.
All signals on the A2B bus are line coded, and the main node
forwards the synchronization signal downstream from the main
transceiver to the last subordinate node transceiver in the form
Table 1. Product Features
Feature
AD2437
Main node capable
Yes
Functional TRX blocks
A + B
I2S/TDM support
Yes
PDM microphone inputs
4 mics
A2B bus power
Up to 50 W
Nominal bus bias voltage (VBUS)
24 V
SPI over distance
Yes
Power configuration
CFG-4
Figure 2. Communication System Block Diagram
A
2
B
HOST
DSP
I2C/SPI
MAIN
A2B
TRANSCEIVER
SUBORDINATE
A2B
TRANSCEIVER
I2S/TDM/PDM
I2S/TDM
A
2
B
A
2
B
I2C/SPI
I2C/SPI
I2C/SPI
I2S/TDM/PDM
I2S/TDM/PDM
SUBORDINATE
A2B
TRANSCEIVER
SUBORDINATE
A2B
TRANSCEIVER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com