Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD2437 Datasheet(PDF) 40 Page - Analog Devices

Part # AD2437
Description  A2B Transceiver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD2437 Datasheet(HTML) 40 Page - Analog Devices

Back Button AD2437 Datasheet HTML 34Page - Analog Devices AD2437 Datasheet HTML 35Page - Analog Devices AD2437 Datasheet HTML 36Page - Analog Devices AD2437 Datasheet HTML 37Page - Analog Devices AD2437 Datasheet HTML 38Page - Analog Devices AD2437 Datasheet HTML 39Page - Analog Devices AD2437 Datasheet HTML 40Page - Analog Devices AD2437 Datasheet HTML 41Page - Analog Devices AD2437 Datasheet HTML 42Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 40 / 42 page
background image
Rev. 0
|
Page 40 of 42
|
July 2023
AD2437
DESIGNER REFERENCE
Contact your local Analog Devices representative for the latest
schematic circuit recommendations and bill of materials for
node configurations. The recommended circuit and component
selection must be followed to ensure interoperability between
AD2437 systems.
PCB LAYOUT
The transceivers are highly integrated devices, comprising both
digital sections for audio data, clocks, PLL, and analog A2B
transceiver sections. PCB layout plays an important role in
ensuring system performance. For detailed layout guidelines,
see the A2B System Specification.
RECOMMENDED PCB FOOTPRINT
Figure 42 shows the transceiver footprint. Solder the exposed
paddle underneath the transceiver effectively to the PCB where
it is locally connected to the ground plane.
See “Soldering Considerations for Exposed-Pad Packages (EE-
352)”, on the Analog Devices web site. The exposed paddle is
used for a thermal pathway as well as for electrical connection.
Figure 42. Transceiver Footprint
Thermal Vias
0.3 mm drill
0.635 mm
Pads preferably tented/plugged
and no relief to plane layers
EPAD 4.2 mm × 4.2 mm
Pad 0.3 mm × 0.8 mm
0.5 mm
Pad Pitch
7.0 mm
7.7 mm
0.889 mm
0.322 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com