Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD2437 Datasheet(PDF) 19 Page - Analog Devices

Part # AD2437
Description  A2B Transceiver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD2437 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD2437 Datasheet HTML 15Page - Analog Devices AD2437 Datasheet HTML 16Page - Analog Devices AD2437 Datasheet HTML 17Page - Analog Devices AD2437 Datasheet HTML 18Page - Analog Devices AD2437 Datasheet HTML 19Page - Analog Devices AD2437 Datasheet HTML 20Page - Analog Devices AD2437 Datasheet HTML 21Page - Analog Devices AD2437 Datasheet HTML 22Page - Analog Devices AD2437 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 42 page
background image
Rev. 0
|
Page 19 of 42
|
July 2023
AD2437
Table 6. I2S/TDM Port—Target Timing
IOVDD = 1.8 V
IOVDD = 3.3 V
Unit
Parameter
Min
Max
Min
Max
Timing Requirements
tBCLKW
BCLK Width
19.5
9.5
ns
tBCLKS
BCLK Period
39.0
19.0
ns
tSIS
SYNC Input Setup Before BCLK Sample Edge
2.25
2.25
ns
tSIH
SYNC Input Hold After BCLK Sample Edge
2.0
2.5
ns
tRISS
DRXn Input Setup Before BCLK Sample Edge
2.0
1.5
ns
tRIHS
DRXn Input Hold After BCLK Sample Edge
1.5
0.5
ns
Switching Characteristics
tDODS
DTXn Output Delay After BCLK Drive Edge
16.5
12.0
ns
tDOHS
DTXn Output Hold After BCLK Drive Edge
3.0
3.0
ns
Figure 17. I2S/TDM Port—Target Timing
tDOHS
tDODS
DRIVE EDGE
SAMPLE EDGE
SYNC
BCLK
tSIH
tRIHS
tBCLKW
tSIS
tRISS
MSB - 1
MSB - 1
MSB
MSB
TRANSMIT DATA
(DTXn) CHANNEL
RECEIVE DATA
(DRXn) CHANNEL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com