Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD2437 Datasheet(PDF) 18 Page - Analog Devices

Part # AD2437
Description  A2B Transceiver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD2437 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD2437 Datasheet HTML 14Page - Analog Devices AD2437 Datasheet HTML 15Page - Analog Devices AD2437 Datasheet HTML 16Page - Analog Devices AD2437 Datasheet HTML 17Page - Analog Devices AD2437 Datasheet HTML 18Page - Analog Devices AD2437 Datasheet HTML 19Page - Analog Devices AD2437 Datasheet HTML 20Page - Analog Devices AD2437 Datasheet HTML 21Page - Analog Devices AD2437 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 42 page
background image
Rev. 0
|
Page 18 of 42
|
July 2023
AD2437
I2S/TDM Port Timing
Table 5, Table 6, Figure 16, and Figure 17 describe I2S/TDM port operations. Note the following:
• The SIO0-SIO4 data pins on the I2S/TDM port can be configured for up to two PDM streams and up to five I2S/TDM streams, with a
maximum of four I2S/TDM streams in the same direction. DTXn includes the DTX0, DTX1, DTX2, and DTX3 pins; and DRXn
includes DRX0, DRX1, DRX2, and DRX3 in Table 5.
•The I2S/TDM target timing applies to the A2B main transceiver and the A2B subordinate transceiver operating in parallel bus mode.
•The I2S/TDM controller timing applies to the A2B subordinate transceiver.
Table 5. I2S/TDM Port—Controller Timing
IOVDD = 1.8 V
IOVDD = 3.3 V
Unit
Parameter
Min
Max
Min
Max
Timing Requirements
tRISM
DRXn Input Setup Before BCLK Sample Edge
1.0
1.5
ns
tRIHM
DRXn Input Hold After BCLK Sample Edge
5.5
2.0
ns
Switching Characteristics
fBCLKM
BCLK Output Frequency1
1 When VIOVDD = 3.3 V, the setup and hold timing at the 50 MHz maximum bit clock rate can be violated when interfacing with other I2S devices. The timing violations are
observed when the subordinate transceiver I2S/TDM port is receiving and the main transceiver I2S/TDM port is transmitting. In this case, the maximum BCLK frequency of
50 MHz cannot be achieved.
25.0
50.0
MHz
tBCLKMOJ
BCLK Output Jitter (RMS Cycle to Cycle)
at fBCLKSM = 12.288 MHz
100
100
ps
at fBCLKSM = 24.576 MHz
100
100
ps
tSOL/tSOH
Transmit or Receive BCLK Duty Cycle
49%
51%
49%
51%
tBCLKM
tSOJ
SYNC Output Jitter (RMS Cycle to Cycle)
Normal Mode 48 kHz
2.25
2.25
ns
Increased Data Rate 2× SYNC
1.25
1.25
ns
Increased Data Rate 4× SYNC
1.00
1.00
ns
tSOD
SYNC Output Delay After BCLK Drive Edge
9.75
9.75
ns
tSOHD
SYNC Output Hold After BCLK Drive Edge
3.0
4.5
ns
tDODM
DTXn Output Delay After BCLK Drive Edge
10.25
9.75
ns
tDOHM
DTXn Output Hold After BCLK Drive Edge
5.5
6.0
ns
Figure 16. I2S/TDM Port—Controller Timing
DRIVE EDGE
SAMPLE EDGE
tSOHD
tRIHM
tDODM
tDOHM
tSOL
tSOD
tRISM
TRANSMIT DATA
(DTXn) CHANNEL
RECEIVE DATA
(DRXn) CHANNEL
SYNC
BCLK
MSB - 1
MSB - 1
MSB
MSB
/tSOH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com