Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD2437 Datasheet(PDF) 21 Page - Analog Devices

Part # AD2437
Description  A2B Transceiver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD2437 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD2437 Datasheet HTML 17Page - Analog Devices AD2437 Datasheet HTML 18Page - Analog Devices AD2437 Datasheet HTML 19Page - Analog Devices AD2437 Datasheet HTML 20Page - Analog Devices AD2437 Datasheet HTML 21Page - Analog Devices AD2437 Datasheet HTML 22Page - Analog Devices AD2437 Datasheet HTML 23Page - Analog Devices AD2437 Datasheet HTML 24Page - Analog Devices AD2437 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
Rev. 0
|
Page 21 of 42
|
July 2023
AD2437
GPIO and CLKOUT Timing
Table 9 describes GPIO and CLKOUT operations.
Table 9. GPIO and CLKOUT Timing
Parameter
Min
Typ
Max
Unit
Timing Requirement
tGIPW
GPIO Input Pulse Width
tSYSBCLK + 5
ns
Switching Characteristics
tGOPW
GPIO Output Pulse Width
tSYSBCLK – 1
ns
tCLKOUTJ
1
1 Jitter measured at Subordinate Node 0.
CLKOUT Jitter RMS TIE for 48 kHz SYNC
at fCLKOUT = 12.288 MHz
1.0
1.90
ns
at fCLKOUT = 24.576 MHz
1.0
1.95
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com