Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD2437 Datasheet(PDF) 9 Page - Analog Devices

Part # AD2437
Description  A2B Transceiver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD2437 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD2437 Datasheet HTML 5Page - Analog Devices AD2437 Datasheet HTML 6Page - Analog Devices AD2437 Datasheet HTML 7Page - Analog Devices AD2437 Datasheet HTML 8Page - Analog Devices AD2437 Datasheet HTML 9Page - Analog Devices AD2437 Datasheet HTML 10Page - Analog Devices AD2437 Datasheet HTML 11Page - Analog Devices AD2437 Datasheet HTML 12Page - Analog Devices AD2437 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
Rev. 0
|
Page 9 of 42
|
July 2023
AD2437
SPECIFICATIONS
Specifications are subject to change without notice. For information about product specifications, contact your Analog Devices, Inc.
representative.
OPERATING CONDITIONS
All specifications and characteristics apply across the entire operating conditions range unless otherwise noted.
Parameter
Conditions
Min
Nominal Max
Unit
Power Supplies
VDVDD
Digital Core Logic Supply Voltage
1.70
1.90
1.98
V
VIOVDD
Digital Input/Output (I/O) Supply
Voltage
3.3 V I/O
1.8 V I/O
3.00
1.70
3.30
1.90
3.63
1.98
V
V
VPLLVDD
Phased-Locked Loops (PLL) Supply
Voltage
1.70
1.90
1.98
V
VTRXVDD
Transceiver Supply Voltage
3.00
3.30
3.45
V
VVIN
1
1 VVIN must be ≤ (VVBUS + 0.6 V).
Input Supply Voltage
Normal Mode, LVI Mode = 0
3.7
9.0
V
LVI Mode = 1 (VIN and VOUT2 are connected)
3.17
3.45
V
VVBUS
2, 3, 4
2 Bus bias must be stable after discovery.
3 Refer to Line Power Switch section of the Electrical Characteristics table for the maximum bus current specification.
4 Ensure that the last subordinate node meets the minimum VVBUS requirement. If line fault diagnostics are not required on the B-port of a last subordinate node operating in
LVI mode, nominal VVBUS = VIN = 3.3 V.
Bus Bias Supply Voltage
12.0
24.0
VBUS System Operating Conditions
IVBUS_SYS_HP Bus Current
VVBUS = 12 V to 24 V
2.1
A
Digital I/O
VIH
5
5 Applies to ADR1, ADR2, SCK, MISO, MOSI, SIOn, BCLK, SYNC, RST, and GPIO7 pins.
High Level Input Voltage
VIOVDD = 1.98 V
0.7 × VIOVDD
V
VIOVDD = 3.63 V
2.2
V
VIL
5
Low Level Input Voltage
VIOVDD = 1.70 V
0.3 × VIOVDD V
VIOVDD = 3.00 V
0.8
V
VIH_I2C
6
6 Applies to SDA and SCL pins.
VIOVDD = 3.63 V, 1.98 V
0.7 × VIOVDD
V
VIL_I2C
6
VIOVDD = 3.00 V, 1.70 V
0.3 × VIOVDD V
CONSUMER GRADE
TJ
Junction Temperature
0
105
°C
INDUSTRIAL GRADE
TJ
Junction Temperature
–40
+105
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com