Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD2437 Datasheet(PDF) 29 Page - Analog Devices

Part # AD2437
Description  A2B Transceiver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD2437 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD2437 Datasheet HTML 25Page - Analog Devices AD2437 Datasheet HTML 26Page - Analog Devices AD2437 Datasheet HTML 27Page - Analog Devices AD2437 Datasheet HTML 28Page - Analog Devices AD2437 Datasheet HTML 29Page - Analog Devices AD2437 Datasheet HTML 30Page - Analog Devices AD2437 Datasheet HTML 31Page - Analog Devices AD2437 Datasheet HTML 32Page - Analog Devices AD2437 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 42 page
background image
AD2437
Rev. 0
|
Page 29 of 42
|
July 2023
Table 16. PDM Interface Performance Specifications
Parameter
Conditions
Min
Typ
Max
Unit
Dynamic Range with A-Weighted Filter
20 Hz to 20 kHz, –60 dBFS input
120
dB
SNR with A-Weighted Filter
20 Hz to 20 kHz
108
dB
Decimation Ratio1
Default is 64×
64×
256×
Frequency Response2
DC to 0.45 fSYNCM
–0.1
+0.01
dB
Stop Band
0.566
fSYNCM
Attenuation
74
dB
Group Delay
0.02 fSYNCM input signal
3.80
fSYNCM cycles
Gain
PDM to PCM
0
dB
Start-Up Time
3
48
fSYNCM cycles
Bit Width
Internal and output
24
Bits
1 The decimation ratio is controlled by the A2B_PDMCTL.PDMRATE field.
2 Measured with the high pass filter (HPF) disabled. Refer to Figure 23 for the frequency response with the HPF enabled at different cut-off frequencies.
3 The PDM start-up time is the time for the filters to settle after the PDM block is enabled. It is the time to wait before data is guaranteed to meet the specified performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com