Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD2437 Datasheet(PDF) 39 Page - Analog Devices

Part # AD2437
Description  A2B Transceiver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD2437 Datasheet(HTML) 39 Page - Analog Devices

Back Button AD2437 Datasheet HTML 34Page - Analog Devices AD2437 Datasheet HTML 35Page - Analog Devices AD2437 Datasheet HTML 36Page - Analog Devices AD2437 Datasheet HTML 37Page - Analog Devices AD2437 Datasheet HTML 38Page - Analog Devices AD2437 Datasheet HTML 39Page - Analog Devices AD2437 Datasheet HTML 40Page - Analog Devices AD2437 Datasheet HTML 41Page - Analog Devices AD2437 Datasheet HTML 42Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 39 / 42 page
background image
AD2437
Rev. 0
|
Page 39 of 42
|
July 2023
42
ISENSEP
A_IN
None
High side current sense input pin. Analog input to sense the current
supplied to the next subordinate device. A sense resistor must be connected
between VBUS and ISENSEP.
43
VBUS
A_IN
None
Analog input pin for sensing bus bias voltage and high side current.
44
VRVSS
PWR
None
Power supply pin for internal voltage regulators (VOUT1 and VOUT2)
return current. Connect this pin to a low impedance local ground plane.
45
VOUT2
PWR
None
Output of the on-chip low dropout voltage regulator 2. This regulated
voltage output pin must be connected to the TRXVDD power supply pin.
External devices can also be powered by this supply. Refer to the VREG Safe
Operating Area section. In LVI mode, connect this pin to VIN.
46
VIN
PWR
None
Power supply input pin.
47
VOUT1
PWR
None
Output of the on-chip low dropout voltage regulator 1. This regulated
voltage output pin must be connected to the DVDD and PLLVDD power
supply pins. External devices can also be powered by this supply. Refer to the
VREG Safe Operating Area section.
48
PLLVDD
PWR
None
Power supply for PLL. This pin must be connected to VOUT1.
49
EPAD
PWR
None
Power supply for return currents. See other VSS description in this table.
This pin is the exposed pad on the bottom of the package. This exposed pad
must be connected to a low impedance local ground plane.
1 See the AD2437 A2B Transceiver Technical Reference for more information about configuring pins for alternate functions.
2 These pins are in the high impedance state until they are configured.
3 Refer to Table 2 for the SIO pin mapped functions.
4 In A2B main node mode, the BCLK and SYNC pins are in a high impedance state after reset and are configured as input pins once the PLL locks. In A2B subordinate node
mode, the BCLK and SYNC pins are in a high impedance state until they are configured.
5 This pin is a digital input after reset.
6 The IRQ pin is in a high impedance state after reset. It is configured as an output after the PLL locks.
Table 20. AD2437 Pin Function Descriptions (Continued)
Pin No.
Pin Name
Type
Alternate
Functions1
Description
In this table, the type is defined as follows: PWR = power/ground, A_IN = analog input, D_IN = digital input, A_OUT = analog output,
D_OUT = digital output, A_IO = analog input/output, D_IO = digital input/output, D_IO_OD = digital input/open-drain output,
N/A = not applicable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com