Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD2437 Datasheet(PDF) 6 Page - Analog Devices

Part # AD2437
Description  A2B Transceiver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD2437 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD2437 Datasheet HTML 2Page - Analog Devices AD2437 Datasheet HTML 3Page - Analog Devices AD2437 Datasheet HTML 4Page - Analog Devices AD2437 Datasheet HTML 5Page - Analog Devices AD2437 Datasheet HTML 6Page - Analog Devices AD2437 Datasheet HTML 7Page - Analog Devices AD2437 Datasheet HTML 8Page - Analog Devices AD2437 Datasheet HTML 9Page - Analog Devices AD2437 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
Rev. 0
|
Page 6 of 42
|
July 2023
AD2437
I2S Reduced or Increased Rate
Subordinate transceivers can run the I2S/TDM/PDM interface
at a reduced or increased rate frequency, with respect to the
superframe rate. The reduced rate frequency is derived by divid-
ing the superframe rate from a programmable set of values. The
subordinate transceiver also supports increased sampling rates
of 2× and 4× superframe rates (fSYNCM). Each subordinate node
transceiver can be configured to run at a different I2S/TDM rate.
In reduced rate mode, the transceiver provides an option for a
processor to track the full rate audio frame, which contains new
reduced rate samples. The GPIO7 pin can be used as a strobe,
and the direction can be configured as an input or output.
PULSE DENSITY MODULATION (PDM) INTERFACE
PDM microphones can directly interface to the SIO0/1 pins of
the A2B transceiver. The PDM block on the transceiver converts
a PDM input stream into pulse code modulated (PCM) data for
transmission over the A2B bus, to the local device through the
I2S/TDM port, or both. The PDM interface is available on both
main and subordinate transceivers. It supports high dynamic
range microphones with high signal-to-noise ratio (SNR) and
extended maximum sound pressure level (SPL). The output rate
of the PDM demodulators is controllable at the superframe
(SFF), SFF/2, or SFF/4 rates. In addition, reduced rate modes
support frame rates of SFF/2, SFF/4, SFF/8, SFF/12, SFF/16,
SFF/20, SFF/24, SFF/28, SFF/32, and SFF/128 (for example,
down to 375 Hz for a superframe rate of 48 kHz).
The PDM block supports high pass filtering of the input with a
selectable cut-off frequency including 1, 60, 120, and 240 Hz. A
register setting selects whether rising edge data or falling edge
data is sampled first.
On a subordinate node, either BCLK or GPIO7 can clock PDM
microphones. If GPIO7 is the clock, the BCLK frequency can be
set to a different frequency using the I2S/TDM registers. In this
case, GPIO7 is the PDM clock (PDMCLK) capturing PDM
input on SIO0/SIO1. The clock rate from PDMCLK is 64× the
SYNC frequency. BCLK and GPIO7 can also work concurrently
to clock PDM microphones at the same frequency and phase
alignment, but with opposite polarity.
On a main node, BCLK is always an input, so the clock to PDM
microphones attached to a main node typically come from
GPIO7. It is possible to use BCLK to drive the PDM clock inputs
on a main node, but this restricts the possible TDM settings
because BCLK is required to fall within the specification in
Table 8.
DATA SLOT EXCHANGE BETWEEN SUBORDINATE
NODES
On the DTX pins of the I2S/TDM interface, subordinate trans-
ceivers can selectively output upstream data and downstream
data that originates from other nodes without the need for data
slots routed through the main node. Similarly, RX data channels
from an I2S/TDM frame can become upstream and/or down-
stream slots on the A2B bus and can be received by any node.
I2S TX/RX CROSSBAR
The I2S crossbar provides flexible mapping between channels in
the I2S/TDM interface and slots on the A2B bus.
When a node receives data over the A2B bus and sends it to the
I2S/TDM interface, by default, there is a one-to-one mapping.
For example, the first received slot is mapped to the first chan-
nel on the I2S/TDM interface, and so on. Using the I2S TX
crossbar, the channels on the I2S/TDM interface can be reor-
dered to map to an A2B bus slot for each TDM channel.
Similarly, when a node receives data from the I2S/TDM inter-
face and sends it over the A2B bus, by default, all the received
I2S/TDM channels (defined in the A2B_SLOT registers) are
mapped one-to-one on the A2B bus. Using the I2S RX crossbar,
the TDM channels can be individually selected to send data over
A2B bus slots. For example, only TDM channels marked as valid
are put onto the A2B bus and channels not in use are masked.
See the AD2437A2B Transceiver Technical Reference for details.
SERIAL PERIPHERAL INTERFACE (SPI)
The SPI interface in the transceiver has the following features:
• Master or slave configurable
• Supports up to 3 slave-select outputs
• Up to 12.288 MHz operation
• Programmable clock phase (CPHA) and polarity (CPOL)
• Subordinate transceiver register access
• Local register access
SPI transactions take place between SPI ports of connected
transceivers or between the SPI port and the I2C port of con-
nected transceivers over the A2B bus. The transceiver provides
the ability for SPI communication to occur over the A2B bus
between multiple nodes in a system. The SPI interface is enabled
by default and the transceiver is configured as an SPI slave. To
use the alternative pin functionality, the SPI interface must be
disabled by writing the value 0x02 to the A2B_SPICFG register.
SPI Over Distance
An SPI tunnel is an extension to the A2B protocol where SPI
control and data are exchanged between A2B nodes using dedi-
cated slots on the A2B bus. SPI tunnels are configured and
allocated by the host. SPI over distance supports the following
features:
• Full-duplex read/writes between master and slave
• Up to 256 bytes of pipelined reads
• Extended full-duplex mode with pipelined reads for
more than 256 bytes of data
•Atomic SPI transfer
• Bulk SPI to SPI writes
• Extended bulk SPI writes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com