Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD2437 Datasheet(PDF) 17 Page - Analog Devices

Part # AD2437
Description  A2B Transceiver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD2437 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD2437 Datasheet HTML 13Page - Analog Devices AD2437 Datasheet HTML 14Page - Analog Devices AD2437 Datasheet HTML 15Page - Analog Devices AD2437 Datasheet HTML 16Page - Analog Devices AD2437 Datasheet HTML 17Page - Analog Devices AD2437 Datasheet HTML 18Page - Analog Devices AD2437 Datasheet HTML 19Page - Analog Devices AD2437 Datasheet HTML 20Page - Analog Devices AD2437 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 42 page
background image
Rev. 0
|
Page 17 of 42
|
July 2023
AD2437
TIMING SPECIFICATIONS
All specifications and characteristics apply across the entire operating conditions range unless otherwise noted.
Clock and Reset Timing
Table 4 and Figure 15 describe clock and reset operations.
I2C Port Timing
The transceiver conforms to the I2C specification v2.1.
Table 4. Clock and Reset Timing
Parameter
Min
Typ
Max
Unit
Timing Requirements
fSYNCM
SYNC Pin Input Frequency Continuous Clock
44.1 kHz SYNC Input
43.7
44.1
44.5
kHz
48 kHz SYNC Input
47.5
48.0
48.5
kHz
tSYNCIJ1
SYNC Pin Input Jitter RMS TIE
1
1 Maximum allowed jitter which does not degrade THD + N performance in the last subordinate node.
1.0
ns
tMCLKIJ1
Main Node Bit Clock Input Jitter RMS TIE1
1.0
ns
tACCESS
Device Access Time After Reset2
2 The time it takes to access local registers via I2C/SPI once the reset pin is deasserted and the power supplies are stable.
1.5
ms
tRST
Reset Width3
3 Valid only when all the power supplies are stable. See Figure 15 for tRST.
10
μs
tDNSYNCR
4
4 Only consecutive missed SYNC or SCF transitions for the specified duration result in a reset.
Delay From First Missed SYNC Input to Reset
(A2B Main Node)
31
32
33
tSYNCM
tDNSCFR
4, 5
5 Add 1024 if SUSTAIN = 1.
Delay From First Missed SCF to Reset
(A2B Subordinate Node)
31
32
33
tSYNCM
tPLK
PLL Lock Time
7.5
ms
fSYSBCLK
A2B Bus Clock
1024 × fSYNCM
kHz
tSYSBCLK
Bit-Period of A
2B Bus Clock
1/(1024 × fSYNCM)ns
Figure 15. Reset Timing
tRST
RST
tACCESS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com