Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD2437 Datasheet(PDF) 20 Page - Analog Devices

Part # AD2437
Description  A2B Transceiver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD2437 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD2437 Datasheet HTML 16Page - Analog Devices AD2437 Datasheet HTML 17Page - Analog Devices AD2437 Datasheet HTML 18Page - Analog Devices AD2437 Datasheet HTML 19Page - Analog Devices AD2437 Datasheet HTML 20Page - Analog Devices AD2437 Datasheet HTML 21Page - Analog Devices AD2437 Datasheet HTML 22Page - Analog Devices AD2437 Datasheet HTML 23Page - Analog Devices AD2437 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 42 page
background image
Rev. 0
|
Page 20 of 42
|
July 2023
AD2437
Table 7. I2S Target (A2B Main Node) DTXn Enable and Three-State Timing
IOVDD = 1.8 V
IOVDD = 3.3 V
Unit
Parameter
Min
Max
Min
Max
Switching Characteristics
1
tDOENM
DTXn Data Enable Delay After BCLK Drive Edge
5.0
4.0
ns
tDODIM
DTXn Data Disable Delay After BCLK Drive Edge
14.5
10.5
ns
1 Refer to the A2B_TXOFFSET register for three-state programming details.
Figure 18. I2S Target (A2B Main Node) DTXn Enable and Three-State Timing
Table 8. Pulse Density Modulation (PDM) Microphone Input Timing
IOVDD = 1.8 V
IOVDD = 3.3 V
Parameter
Min
Max
Min
Max
Unit
Timing Requirements
tPDMSS
PDMn Input Setup Before BCLK/PDMCLK
17.5
12.0
ns
tPDMHS
PDMn Input Hold After BCLK/PDMCLK
0
0
ns
Switching Characteristics
fPDMCLK
BCLK/PDMCLK Output Frequency at fSYNC = 48 kHz
3.040
3.104
3.040
3.104
MHz
tPDMCLKOJ
BCLK/PDMCLK Output Jitter RMS Cycle to Cycle
150
150
ps
tPDMCLKW
BCLK/PDMCLK Output Pulse Width
161.0
162.5
ns
Figure 19. PDM Timing
DRIVE EDGE
DRIVE EDGE
tDOENM
tDODIM
TRANSMIT DATA
(DTXn) CHANNEL
BCLK
DRIVE EDGE
SAMPLE EDGE
tPDMHS
tPDMCLKW
tPDMSS
RECEIVE PDMn
DATA CHANNEL
BCLK/PDMCLK
PDMn (MIC-0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com