Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD501B1 Datasheet(PDF) 109 Page - STMicroelectronics

Part # PSD501B1
Description  Low Cost Field Programmable Microcontroller Peripherals
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD501B1 Datasheet(HTML) 109 Page - STMicroelectronics

Back Button PSD501B1 Datasheet HTML 105Page - STMicroelectronics PSD501B1 Datasheet HTML 106Page - STMicroelectronics PSD501B1 Datasheet HTML 107Page - STMicroelectronics PSD501B1 Datasheet HTML 108Page - STMicroelectronics PSD501B1 Datasheet HTML 109Page - STMicroelectronics PSD501B1 Datasheet HTML 110Page - STMicroelectronics PSD501B1 Datasheet HTML 111Page - STMicroelectronics PSD501B1 Datasheet HTML 112Page - STMicroelectronics PSD501B1 Datasheet HTML 113Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 153 page
background image
PSD5XX Family
106
System
Configuration
(Cont.)
Register Name
Address
Register Name
Address
Offset
Offset
PAGE REGISTER
E1
INTR. READ CLEAR
D5
INTR. MASK
D2
INTR. EDGE/LEVEL
D3
INTR. REQUEST
D0
INTR. PRIORITY
D1
LATCH
STATUS
VM
C1
PMMR1
B0
PMMR0
B1
STATUS FLAGS
A8
GLOBAL COMMAND
A9
DLCY
A7
SOFTWARE
LOAD/STORE
A4
FREEZE COMMAND
A5
CMD3
A2
CMD2
A3
CMD1
A0
CMD0
A1
CNTR3
9E
CNTR3
9F
CNTR2
9C
CNTR2
9D
CNTR1
9A
CNTR1
9B
CNTR0
98
CNTR0
99
IMG3
96
IMG3
97
IMG2
94
IMG2
95
IMG1
92
IMG1
93
IMG0
90
IMG0
91
Table 31a. Other Register Address Offset
(For 16-Bit Motorola MCUs in 16-Bit Mode. If 8-Bit Mode is selected, use Table 31.)
Register Name
Register Function
Data In
This Register is used to read the input on the port pins.
Control
A
“0” sets the corresponding port pin in Address Out Mode.
A
“1” sets the pin in MCU I/O Mode.
Data Out
Holds the output data in the MCU I/O Mode.
Direction
This register is used to control the data flow in the I/O ports.
A
“0” sets the corresponding pin as an input pin.
A
“1” sets the pin as an output pin.
Open Drain
A
“0” sets the corresponding pin driver as a CMOS driver.
A
“1” sets the pin driver as an Open Drain Driver.
Special Function
A
“1” sets the corresponding port pin as Timer or Interrupt Output.
PLD – I/O
A read only status register; a
“1” indicates the corresponding pin
is configured as a PLD pin.
Macrocell Out
This register holds the outputs of the GPLD macrocells.
Table 32. I/O Register Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com