Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD501B1 Datasheet(PDF) 112 Page - STMicroelectronics

Part # PSD501B1
Description  Low Cost Field Programmable Microcontroller Peripherals
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD501B1 Datasheet(HTML) 112 Page - STMicroelectronics

Back Button PSD501B1 Datasheet HTML 108Page - STMicroelectronics PSD501B1 Datasheet HTML 109Page - STMicroelectronics PSD501B1 Datasheet HTML 110Page - STMicroelectronics PSD501B1 Datasheet HTML 111Page - STMicroelectronics PSD501B1 Datasheet HTML 112Page - STMicroelectronics PSD501B1 Datasheet HTML 113Page - STMicroelectronics PSD501B1 Datasheet HTML 114Page - STMicroelectronics PSD501B1 Datasheet HTML 115Page - STMicroelectronics PSD501B1 Datasheet HTML 116Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 153 page
background image
PSD5XX Family
109
Symbol
Parameter
Condition
Min
Max
Unit
TSTG
Storage Temperature
CLDCC
– 65
+ 150
°C
PLDCC
– 65
+ 125
°C
Commercial
0
+ 70
°C
Operating Temperature
Industrial
– 40
+ 85
°C
Military
– 55
+ 125
°C
Voltage on any Pin
With Respect to GND
– 0.6
+ 7
V
V
PP
Programming
Supply Voltage
With Respect to GND
– 0.6
+ 14
V
VCC
Supply Voltage
With Respect to GND
– 0.6
+ 7
V
ESD Protection
>2000
V
13.1 Absolute Maximum Ratings
NOTE: Stresses above those listed under Absolute Maximum Ratings may cause permanent
damage to the device. This is a stress rating only and functional operation of the device at
these or any other conditions above those indicated in the operational sections of this
specification is not implied. Exposure to Absolute Maximum Rating conditions for
extended periods of time may affect device reliability.
Type
Temperature
VCC
VCC Tolerance
Speed Grades Available
-70 -90 -15 -20 -25
Commercial
0° C to +70°C
+ 5 V
± 10%
X
X
+ 3 V
± 10%
X
X
Industrial
–40° C to +85°C
+ 5 V
± 10%
X
+ 3 V
± 10%
X
13.2 Operating Range
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VCC
Supply Voltage
All Speeds
4.5
5.0
5.5
V
VCC
Supply Voltage
ZPSD5XXV Versions
2.7
3.0
5.5
V
Only, All Speeds
13.3 Recommended Operating Conditions
13.0
Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com