Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD501B1 Datasheet(PDF) 115 Page - STMicroelectronics

Part # PSD501B1
Description  Low Cost Field Programmable Microcontroller Peripherals
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD501B1 Datasheet(HTML) 115 Page - STMicroelectronics

Back Button PSD501B1 Datasheet HTML 111Page - STMicroelectronics PSD501B1 Datasheet HTML 112Page - STMicroelectronics PSD501B1 Datasheet HTML 113Page - STMicroelectronics PSD501B1 Datasheet HTML 114Page - STMicroelectronics PSD501B1 Datasheet HTML 115Page - STMicroelectronics PSD501B1 Datasheet HTML 116Page - STMicroelectronics PSD501B1 Datasheet HTML 117Page - STMicroelectronics PSD501B1 Datasheet HTML 118Page - STMicroelectronics PSD501B1 Datasheet HTML 119Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 153 page
background image
PSD5XX Family
112
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCC
Supply Voltage
All Speeds
4.5
5
5.5
V
VIH
High Level Input Voltage
4.5 V < VCC < 5.5 V
2
VCC + 0.5
V
VIL
Low Level Input Voltage
4.5 V < VCC < 5.5 V
–0.5
0.8
V
VIH1
Reset High Level Input Voltage
(Note 1)
0.8 VCC
VCC + 0.5
V
VIL1
Reset Low Level Input Voltage
(Note 1)
–0.5
0.2 VCC –0.1
V
VHYS
Reset Pin Hysteresis
0.3
V
VOL
Output Low Voltage
IOL = 20 µA, VCC = 4.5 V
0.01
0.1
V
IOL = 8 mA, VCC = 4.5 V
0.15
0.45
V
VOH
Output High Voltage
IOH = –20 µA, VCC = 4.5 V
4.4
4.49
V
IOH = –2 mA, VCC = 4.5 V
2.4
3.9
V
VSBY
SRAM Standby Voltage
2.7
VCC
V
ISBY
SRAM Standby Current
VCC = 0 V
0.5
1
µA
IIDLE
Idle Current (VSTDBY Pin)
VCC > VSBY
–0.1
0.1
µA
VDF
SRAM Data Retention Voltage
Only on VSTBY
2V
ISB1
Standby Supply
Power Down Mode
CSI >VCC –0.3 V (Note 2)
50
100
µA
(PSD5XX)
Current
Sleep Mode
CSI >VCC –0.3 V (Note 3)
20
40
µA
ISB2
Standby Supply
Power Down Mode
CSI >VCC –0.3 V (Note 2)
25
50
µA
(ZPSD5XX)
Current
Sleep Mode
CSI >VCC –0.3 V (Note 3)
10
20
µA
ILI
Input Leakage Current
VSS < VIN < VCC
–1
±0.1
1
µA
ILO
Output Leakage Current
0.45 < VIN < VCC
–10
± 5
10
µA
ZPLD_TURBO = OFF,
See ISB1
µA
f = 0 MHz (Note 4)
and ISB2
ICC (DC)
Operating
ZPLD Adder
ZPLD_TURBO = ON,
(Note 4a)
Supply Current
f = 0 MHz
400
700
µA/PT
EPROM Adder
f = 0 MHz
0
mA
SRAM Adder
f = 0 MHz
0
mA
ZPLD AC Adder
Note 4
See
Fig. 50
4.0
mA/MHz
CMiser = ON and
EPROM AC Adder
(8-bit bus mode)
0.8
2
mA/MHz
All other cases
1.8
4
mA/MHz
ICC (AC)
CMiser = ON and
(Note 4a)
(8-bit bus mode)
1.4
2.7
mA/MHz
SRAM AC Adder
CMiser = ON and
2
4
mA/MHz
(16-bit bus mode)
CMiser = OFF
3.8
7.5
mA/MHz
13.6 DC Characteristics (5 V ± 10% Versions)
NOTES: 1. Reset input has hysteresis. VIL1 is valid at or below 0.2VCC –0.1. VIH1 is valid at or above 0.8VCC.
2. CSI is high or internal Power Down mode is active.
3. Sleep mode bit is set and internal Power Down is active.
4. See ZPLD ICC/Frequency Power Consumption graph for details.
4a. IOUT = 0 mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com