Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD501B1 Datasheet(PDF) 119 Page - STMicroelectronics

Part # PSD501B1
Description  Low Cost Field Programmable Microcontroller Peripherals
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD501B1 Datasheet(HTML) 119 Page - STMicroelectronics

Back Button PSD501B1 Datasheet HTML 115Page - STMicroelectronics PSD501B1 Datasheet HTML 116Page - STMicroelectronics PSD501B1 Datasheet HTML 117Page - STMicroelectronics PSD501B1 Datasheet HTML 118Page - STMicroelectronics PSD501B1 Datasheet HTML 119Page - STMicroelectronics PSD501B1 Datasheet HTML 120Page - STMicroelectronics PSD501B1 Datasheet HTML 121Page - STMicroelectronics PSD501B1 Datasheet HTML 122Page - STMicroelectronics PSD501B1 Datasheet HTML 123Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 153 page
background image
PSD5XX Family
116
-70
-90*
-15
EPROM_CMiser
Symbol
Parameter
Conditions
Min Max Min Max Min Max
ON
Unit
tLVLX
ALE or AS Pulse Width
18
20
28
ns
tAVLX
Address Setup Time
(Note 1)
5
6
10
ns
tLXAX
Address Hold Time
(Note 1)
7
8
11
ns
tAVWL
Address Valid to
Leading Edge of WR
(Notes 1 and 3)
18
20
30
ns
t SLWL
CS Valid to Leading
Edge of WR
(Note 3)
22
25
35
ns
t DVWH
WR Data Setup Time
(Note 3)
12
15
22
ns
t WHDX
WR Data Hold Time
(Note 3)
5
5
5
ns
t WLWH
WR Pulse Width
(Note 3)
18
20
28
ns
tWHAX
Trailing Edge of WR to
Address Invalid
(Note 3)
0
0
0
ns
tWHPV
Trailing Edge of WR to
Port Output Valid
(Note 3)
25
30
38
ns
In 16-Bit Data Bus
20
30
38
ns
Address Input Valid to
Mode (Note 2)
tAVPV
Address Output Delay
In 8-Bit Data Bus
22
32
48
ns
Mode (Note 2)
Write Timing (5 V ± 10%)
Microcontroller Interface – AC/DC Parameters (5 V ± 10% Versions)
NOTES: 1. Any input used to select an internal PSD5XX function.
2. In multiplexed mode latched address generated from ADIO delay to address output on any Port.
3. WR timing has the same timing as E, DS, LDS, UDS, WRL, WRH signals.
*The -90 speed is available only on Industrial Temperature Range product.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com