Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD501B1 Datasheet(PDF) 124 Page - STMicroelectronics

Part # PSD501B1
Description  Low Cost Field Programmable Microcontroller Peripherals
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD501B1 Datasheet(HTML) 124 Page - STMicroelectronics

Back Button PSD501B1 Datasheet HTML 120Page - STMicroelectronics PSD501B1 Datasheet HTML 121Page - STMicroelectronics PSD501B1 Datasheet HTML 122Page - STMicroelectronics PSD501B1 Datasheet HTML 123Page - STMicroelectronics PSD501B1 Datasheet HTML 124Page - STMicroelectronics PSD501B1 Datasheet HTML 125Page - STMicroelectronics PSD501B1 Datasheet HTML 126Page - STMicroelectronics PSD501B1 Datasheet HTML 127Page - STMicroelectronics PSD501B1 Datasheet HTML 128Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 153 page
background image
PSD5XX Family
121
-20
-25
ZPLD_TURBO
Symbol
Parameter
Conditions
Min Max Min Max
OFF
*
Unit
I/O Input or Feedback to
tPD
Combinatorial Output
Port B, E
55
80
Add 20
ns
tRPD
Registered Input to
(Note 1)
55
85
Add 20
ns
Combinatorial Output
tEA
Input to Output Enable
Any Input
50
80
Add 20
ns
tER
Input to Output Disable
Any Input
50
80
Add 20
ns
tARP
Register Clear or Preset Delay
Any Input
55
80
Add 20
ns
tARPW
Register Clear or Preset
Any Input
30
60
ns
Pulse Width
tARD
Array Delay
33
35
ns
13.10 AC/DC Parameters – ZPLD Timing Parameters
(ZPSD5XXV Versions)
Combinatorial Delays (3.0 V ± 10%)
NOTE: 1.
Port A and latched address from ADIO (A0, A1, A8 – A15).
*NOTE: If ZPLD_TURBO is off and the ZPLD is operating above 15 MHz, there is no need to add 20 ns to the timing parameters.
-20
-25
ZPLD_TURBO
Symbol
Parameter
Conditions
Min
Max
Min
Max
OFF
*
Unit
Maximum Frequency
External Feedback
1/(tS + tCO)
28.57
11.11
MHz
Maximum Frequency
fMAX
Internal Feedback (fCNT)
1/(tS+tCO–10)
17.24
12.50
MHz
Maximum Frequency
Pipelined Data
1/(tCH + tCL)
31.25
18.52
MHz
t S
Input Setup Time
Any Input
45
60
Add 20
ns
t H
Input Hold Time
Any Input
0
0
0
ns
t CH
Clock High Time
Clock Input
16
27
0
ns
t CL
Clock Low Time
Clock Input
16
27
0
ns
t CO
Clock to Output Delay
Clock Input
30
33
0
ns
tARD
Array Delay for Product
Term Expansion
Any Macrocell
24
35
0
ns
tMIN
Minimum Clock Period
t CH + t CL
30
30
0
ns
Synchronous Clock Mode (3.0 V ± 10%)
*NOTE: If ZPLD_TURBO is off and the ZPLD is operating above 15 MHz, there is no need to add 20 ns to the timing parameters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com