Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD501B1 Datasheet(PDF) 128 Page - STMicroelectronics

Part # PSD501B1
Description  Low Cost Field Programmable Microcontroller Peripherals
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD501B1 Datasheet(HTML) 128 Page - STMicroelectronics

Back Button PSD501B1 Datasheet HTML 124Page - STMicroelectronics PSD501B1 Datasheet HTML 125Page - STMicroelectronics PSD501B1 Datasheet HTML 126Page - STMicroelectronics PSD501B1 Datasheet HTML 127Page - STMicroelectronics PSD501B1 Datasheet HTML 128Page - STMicroelectronics PSD501B1 Datasheet HTML 129Page - STMicroelectronics PSD501B1 Datasheet HTML 130Page - STMicroelectronics PSD501B1 Datasheet HTML 131Page - STMicroelectronics PSD501B1 Datasheet HTML 132Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 153 page
background image
PSD5XX Family
125
-20
-25
ZPLD_TURBO
Symbol
Parameter
Conditions
Min Max Min Max
OFF
*
Unit
tWLQV (PA)
WR to Data Propagation Delay
(Note 2)
60
60
0
ns
tDVQV (PA)
Data to Port A Data
Propagation Delay
(Note 5)
40
50
0
ns
tWHQZ (PA)
WR Invalid to Port A Tri-state
(Note 2)
35
60
0
ns
Port A Peripheral Data Mode Write Timing (3.0 V ± 10%)
Microcontroller Interface – AC/DC Parameters
(ZPSD5XXV Versions)
-20
-25
ZPLD_TURBO
Symbol
Parameter
Conditions
Min Max Min Max
OFF
*
Unit
tAVQV (PA)
Address Valid to Data Valid
(Note 3)
95
120
Add 20
ns
tSLQV (PA)
CS Valid to Data Valid
100
120
Add 20
ns
tRLQV (PA)
RD to Data Valid
(Notes 1 and 4)
50
90
0
ns
tDVQV (PA)
Data In to Data Out Valid
35
50
0
ns
tQXRH (PA)
RD Data Hold Time
(Note 1)
0
0
0
ns
tRLRH (PA)
RD Pulse Width
(Note 1)
40
70
0
ns
tRHQZ (PA)
RD to Data High-Z
(Note 1)
35
60
0
ns
Port A Peripheral Data Mode Read Timing (3.0 V ± 10%)
NOTES: 1. Any input used to select an internal ZPSD5XX function.
2. WR timing has the same timing as E, DS, LDS, UDS, WRL, WRH signals.
3. Any input used to select Port A Data Peripheral Mode.
4. Data is already stable on Port A.
5. Data stable on ADIO pins to data on Port A.
*NOTE: If ZPLD_TURBO is off and the ZPLD is operating above 15 MHz, there is no need to add 20 ns to the timing parameters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com