Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD501B1 Datasheet(PDF) 130 Page - STMicroelectronics

Part # PSD501B1
Description  Low Cost Field Programmable Microcontroller Peripherals
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD501B1 Datasheet(HTML) 130 Page - STMicroelectronics

Back Button PSD501B1 Datasheet HTML 126Page - STMicroelectronics PSD501B1 Datasheet HTML 127Page - STMicroelectronics PSD501B1 Datasheet HTML 128Page - STMicroelectronics PSD501B1 Datasheet HTML 129Page - STMicroelectronics PSD501B1 Datasheet HTML 130Page - STMicroelectronics PSD501B1 Datasheet HTML 131Page - STMicroelectronics PSD501B1 Datasheet HTML 132Page - STMicroelectronics PSD501B1 Datasheet HTML 133Page - STMicroelectronics PSD501B1 Datasheet HTML 134Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 153 page
background image
PSD5XX Family
127
-20
-25
ZPLD_TURBO
Symbol
Parameter
Conditions
Min
Max
Min
Max
OFF
*
Unit
tIVIV
Interrupt Request Input to
Interrupt Output
(Note 3)
70
120
0
ns
tRXIX
Read Vector to Interrupt
Request Clear
60
100
0
ns
tILIL
Interrupt Request Minimum
Pulse Width
40
45
0
ns
tRLQV
RD to Data Valid Interrupt
Controller
(Note 1)
50
90
0
ns
-20
-25
ZPLD_TURBO
Symbol
Parameter
Conditions
Min
Max
Min
Max
OFF
*
Unit
fMAX
Maximum Frequency
20.00
12.50
0
MHz
tCHCL
Clock High Time
16
22
0
ns
tCLCH
Clock Low Time
16
22
0
ns
tCHPV
Clock to Output Delay
50
55
0
ns
tCHPV1
Clock to Watchdog Output Delay
90
100
Add 20
ns
tLVCH
Input Setup Time Relative
Add 20
to Rising Level Clock
Any Input
45
60
(Note 2)
ns
tMIN
Minimum Clock Period
1/fMAX
50
80
0
ns
NOTES: 1. Read to Data Valid of the Interrupt Request Latch and Interrupt Priority Status. RD timing has the same timing as PSEN, DS, LDS,
UDS signals.
2. For inputs which use PPLD only.
3. This timing is only valid when read to the interrupt request latch and priority status latch are not valid.
*If ZPLD_TURBO is off and the ZPLD is operating above 15 MHz, there is no need to add 20 ns to the timing parameters.
Counter/Timer Timing (3.0 V ± 10%)
Interrupt Timing (3.0 V ± 10%)
AC/DC Parameters – ZPLD Timing Parameters
(ZPSD5XXV Versions)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com