Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA0310 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TA0310
Description  High Speed Operational Amplifiers for 75廓 Video Lines
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TA0310 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TA0310 Datasheet HTML 2Page - STMicroelectronics TA0310 Datasheet HTML 3Page - STMicroelectronics TA0310 Datasheet HTML 4Page - STMicroelectronics TA0310 Datasheet HTML 5Page - STMicroelectronics TA0310 Datasheet HTML 6Page - STMicroelectronics TA0310 Datasheet HTML 7Page - STMicroelectronics TA0310 Datasheet HTML 8Page - STMicroelectronics TA0310 Datasheet HTML 9Page - STMicroelectronics TA0310 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6/14
TA0310
Impedance matching
8 Impedance matching
We can summarize as follows the constraints met when driving a signal on a line (these are constraints
that can be found in any textbook on the theory of line transmission):
In order to remove any reflection factors(1), the line must be loaded on both sides by its own characteristic
impedance; typically 75
Ω for video lines. We call this impedance matching because the impedance is
equivalent at any point in a given line. As the output impedance of the op-amp is close to zero, a resistor
of 75
Ω is physically implemented on the board to achieve the right value for matching. A second resistor
of 75
Ω (TV side) allows matching on the other side.
As show in Figure 7, the network behaves like a resistor divider for the signal amplitude. Because of this,
half of the output amplitude of the op-amp is lost. As the input amplitude of the op-amp must be the same
as the amplitude required on the line (typically 1Vpp in video), a gain of +2 (6dB) is required on the op-
amp.
The value of R must be as small as possible to reduce noise and the problems of stability (assuming stray
capacitances mainly on inverting input), but not too small as the 2R network is viewed as a load by the op-
amp output. For a VFA, the value of R is not imposed. 1k
Ω is a good choice and it satisfies the previous
requirements. For a CFA, as TSH11x, the value of R is imposed and it is available in the datasheet
(R=680
Ω for gain=+2).
9 Power supply
A constraint belonging to every designer is the need to reduce the cost of his application. A dual power
supply -5V/+5V requires an investment in a negative -5V supply circuit. One solution is to reduce the
power supply to a single supply 0/+5V. As described in Figure 6, the synchronization signal descends to
0V (sometimes only 10mV). In cases such as these, the best solution is to use an input/output rail-to-rail
op-amp such as TSH7x-TSH8x families. Assuming the tested value of the output rail is VOL=150mV max.
Figure 7: Typical connexion between set-top-box and TV
1
Reflection factor occurs when the line is loaded by the same value as its own characteristic impedance Zc.
video line
75
Ω
75
Ω
R
0Volt
0Volt
2Vpp
1Vpp
0Volt
1Vpp
R
+
-
SET-TOP-BOX
TV
Gain=2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com