Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA0310 Datasheet(PDF) 9 Page - STMicroelectronics

Part # TA0310
Description  High Speed Operational Amplifiers for 75廓 Video Lines
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TA0310 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TA0310 Datasheet HTML 5Page - STMicroelectronics TA0310 Datasheet HTML 6Page - STMicroelectronics TA0310 Datasheet HTML 7Page - STMicroelectronics TA0310 Datasheet HTML 8Page - STMicroelectronics TA0310 Datasheet HTML 9Page - STMicroelectronics TA0310 Datasheet HTML 10Page - STMicroelectronics TA0310 Datasheet HTML 11Page - STMicroelectronics TA0310 Datasheet HTML 12Page - STMicroelectronics TA0310 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9/14
Notes on video line driving
TA0310
Implementation of TSH7x-TSH8x-TSH9x-TSH11x families in dual supply -5V/+5V:
In this scenario, the implementation of the op-amp is much more simple because the video signal
amplitudes are far away from the rails. But the drawback of this solution is the cost of the providing a
power supply of -5V.
Note:Rfb can eMqual 1k
Ω for TSH7x-8x-9x, 680Ω for TSH11x (see datasheet).
Frequency response of TSH7x-8x-9x-11x:
Figure 10: Implementation of the TSH7x-8x-9x-11x in dual supply -5V/+5V
Figure 11: Small Signal Bandwidth. Gain=+2, Rload=150ohms
Rg
video line
75
Ω
75
Ω
Rfb
+
-
+5V
0Volt
TSH
2Vpp
1Vpp
0Volt
1Vpp
-5V
Signal on the line
+5V
-5V
1Vp-p
300mV
0V
1M
10M
100M
0
1
2
3
4
5
6
7
8
TSH9x, -5V/+5V
-3dB Bw = 75MHz
TSH11x, 0/+5V
-3dB Bw = 80MHz
TSH11x, -5/+5V
-3dB Bw = 110MHz
TSH7x-8x, -5V/+5V
-3dB Bw = 48MHz
TSH7x-8x, 0/+5V
-3dB Bw = 48MHz
Frequency (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com