Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA0310 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TA0310
Description  High Speed Operational Amplifiers for 75廓 Video Lines
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TA0310 Datasheet(HTML) 1 Page - STMicroelectronics

  TA0310 Datasheet HTML 1Page - STMicroelectronics TA0310 Datasheet HTML 2Page - STMicroelectronics TA0310 Datasheet HTML 3Page - STMicroelectronics TA0310 Datasheet HTML 4Page - STMicroelectronics TA0310 Datasheet HTML 5Page - STMicroelectronics TA0310 Datasheet HTML 6Page - STMicroelectronics TA0310 Datasheet HTML 7Page - STMicroelectronics TA0310 Datasheet HTML 8Page - STMicroelectronics TA0310 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
TA0310/0504
1/14
Christophe Prugne
Technical Marketing, Standard Linear Division
1 Introduction
This paper examines the video applications in which high-speed op-amps can be found.
An overview of the main consumer video applications is presented, along with a review of analog video
formats and bandwidth versus resolution.
Finally, we present ST’s current high-speed op-amp portfolio and give technical support for the
implementation of these products in application.
2 Video applications
Currently, there are two types of video applications: broadcast video and graphics video. Broadcast video
is limited to television signal transmissions with specified bandwidth (Television, Set-Top-Box, DVD
player-recorder, Video Camera, etc.). On the other hand, graphics video meets the needs of computers
without bandwidth limitations. This article is mainly concerned with broadcast video applications.
3 Where do we need high-speed op-amps?
An amplifier stage is needed to drive analog video signals to the television via a 75
Ω video line. The
applications concerned are mostly consumer applications such as set top boxes, DVD player-recorders
and video cameras. In these applications, the output capabilities of the amplifier (output current and
distortion versus load) are very important, as it must drive a video line characterized by low impedance
(75
Ω for video lines).
Televisions also require high-speed op-amps. In TVs; the amplifier ensures good impedance matching
between the video line and the input stage in the TV. The amplifier drives the video signal to the input
stage of a chipset, which features high impedance (on the order of several k
Ω) in parallel with a
High Speed Operational Amplifiers
for 75
Ω Video Lines
Revision 2
TA0310
TECHNICAL ARTICLE


Similar Part No. - TA0310

ManufacturerPart #DatasheetDescription
logo
Transcom, Inc.
TA031-035-30-30 TRANSCOM-TA031-035-30-30 Datasheet
17Kb / 1P
3.1 - 3.5 GHz 1W Amplifier
TA031-035-40-10 TRANSCOM-TA031-035-40-10 Datasheet
29Kb / 1P
3.1 - 3.5 GHz Low Noise Amplifier
TA031-035-43-40 TRANSCOM-TA031-035-43-40 Datasheet
48Kb / 2P
3.1 ??3.5 GHz 10 W Solid State Power Amplifier
TA031-035-43-43 TRANSCOM-TA031-035-43-43 Datasheet
28Kb / 2P
3.1 - 3.5 GHz 20 W Amplifier
logo
TAI-SAW TECHNOLOGY CO.,...
TA0311A TAI-SAW-TA0311A Datasheet
418Kb / 5P
SAW Filter 420MHz SMD 5.0횞5.0mm
More results

Similar Description - TA0310

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS272C STMICROELECTRONICS-TS272C Datasheet
216Kb / 9P
HIGH SPEED CMOS DUAL OPERATIONAL AMPLIFIERS
Nov-2001
logo
Burr-Brown (TI)
OPA132 BURR-BROWN-OPA132 Datasheet
998Kb / 7P
High Speed FET-INPUT OPERATIONAL AMPLIFIERS
logo
Cirrus Logic
PA09 APEX-PA09 Datasheet
281Kb / 5P
VIDEO POWER OPERATIONAL AMPLIFIERS
PA19 APEX-PA19 Datasheet
289Kb / 5P
VIDEO POWER OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA132 BURR-BROWN-OPA132_04 Datasheet
576Kb / 14P
High-Speed FET-INPUT OPERATIONAL AMPLIFIERS
logo
Rohm
BA3472F ROHM-BA3472F_09 Datasheet
601Kb / 10P
Operational Amplifiers: High Speed
BA3472YFC ROHM-BA3472YFC Datasheet
659Kb / 32P
Automotive High Speed Operational Amplifiers
logo
Analog Devices
HOS-050 AD-HOS-050_15 Datasheet
2Mb / 7P
FAST SETTLING VIDEO OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA132 TI1-OPA132 Datasheet
1Mb / 30P
High-Speed FET-Input Operational Amplifiers
logo
Rohm
BA3472YFV-C ROHM-BA3472YFV-C Datasheet
750Kb / 32P
Automotive High Speed Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com