Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA0310 Datasheet(PDF) 11 Page - STMicroelectronics

Part # TA0310
Description  High Speed Operational Amplifiers for 75廓 Video Lines
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TA0310 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TA0310 Datasheet HTML 6Page - STMicroelectronics TA0310 Datasheet HTML 7Page - STMicroelectronics TA0310 Datasheet HTML 8Page - STMicroelectronics TA0310 Datasheet HTML 9Page - STMicroelectronics TA0310 Datasheet HTML 10Page - STMicroelectronics TA0310 Datasheet HTML 11Page - STMicroelectronics TA0310 Datasheet HTML 12Page - STMicroelectronics TA0310 Datasheet HTML 13Page - STMicroelectronics TA0310 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11/14
Notes on video line driving
TA0310
Reconstruction Filtering:
The output stage of an MPEG decoder is a DAC (digital analog converter). This DAC makes an analog
video signal from the digital one used for video treatments on previous stages. During this conversion the
sampling frequency will be unfortunately in the video spectrum as a parasitic frequency which causes
distortion and noise in the video band. A low-pass filter (called a reconstruction filter) is used to remove
this parasitic frequency. The cut-off frequency of this filter fits with the useful video bandwidth (6MHz,
12MHz or 30MHz). The order is directly linked to the value of the sampling frequency compared to the
video band. An increasing of the sampling frequency allows a lower order of the filter. Some of the newer
designs of DAC target a higher frequency sampling in order to remove the filtering on the future solutions.
Examples:
Figure 13: Filtering of the analog output
Figure 14: STi5518 (set-top-box chip). Fs=27MHz for SD outputs. 6MHz LPF to limit the 27MHz
Rg
video line
75
Ω
75
Ω
Rfb
+
-
+Vcc
TSH
-Vcc
LPF
Video Chip
DAC
Fs
Digital-to-Analog
Conversion
Filtering
(Reconstruction)
Buffering
Matching and Line
6MHz
1Vp-p
Amplitude
Frequency
27MHz
(STi5518)
Parasitic frequency due
to sampling of the DAC
21MHz
Filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com