Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA0310 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TA0310
Description  High Speed Operational Amplifiers for 75廓 Video Lines
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TA0310 Datasheet(HTML) 2 Page - STMicroelectronics

  TA0310 Datasheet HTML 1Page - STMicroelectronics TA0310 Datasheet HTML 2Page - STMicroelectronics TA0310 Datasheet HTML 3Page - STMicroelectronics TA0310 Datasheet HTML 4Page - STMicroelectronics TA0310 Datasheet HTML 5Page - STMicroelectronics TA0310 Datasheet HTML 6Page - STMicroelectronics TA0310 Datasheet HTML 7Page - STMicroelectronics TA0310 Datasheet HTML 8Page - STMicroelectronics TA0310 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2/14
TA0310
Analog video formats
capacitance on the order of pF. In this situation, the driver must maintain high stability even under
capacitive loads. Set-top boxes can also feature an analog video input featuring the same constraints.
The choice of the video source is done via the set-top box. The source signal can be delivered from a
DVD or a video camera, for example.
The amplifier can be very specific, including features such as buffer+filtering (ex: STv6433) or video
matrix (STv6412), or, linked to the market trend, it can be embedded in the chipset.
On the other hand, the amplifier stage can also be a discrete solution using transistors or high-speed op-
amps. Where the customer’s goals are speed and space-saving, high-speed op-amps provide an
advantage as compared to a transistor solution. For this reason, there is currently a market for the high-
speed op-amps in broadcast video applications.
4 Analog video formats
The format of the analog video signal is very important in order to evaluate the frequency and amplitude
contraints required of the high-speed op-amp. There are three main division of signal formats, each
giving a different quality of television image.
The first type of signal format is comprised of three separate signals based on the R,G and B signals. This
signal form is the "purest" video signal, providing the highest quality image. The three R, B and G signals
feature the same bandwidth. This bandwidth is directly linked to the video resolution. In standard video
broadcast, we use commonly YIQ, YUV or YPbPr, where appears the Luma (Y), (I,U,Pb) and (Q,V,Pr) are
a component of R, B and Y. In of all these formats, three signals are driven.
The second type of signal format is based on two signals, such as Luma-Chroma (Y/C) or S-Video, where
C is the Chroma. Both are a coding of RGB signals linked to the NTSC, PAL and SECAM video standards
developed in the USA, Europe and Asia.
Figure 1: Location of op-amps in video applications
DVD
Set-Top-Box
CAMERA
SCART PLUGs
output
output
input
output
TV
Terrestrial
Cable
Satellite
Cable
Satellite
150
Ω Load
75
Ω line
75
Ω line
75
Ω line
75
Ω line
150
Ω Load
150
Ω Load
Capa Load
Capa Load
Capa Load
input
input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com