Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA0310 Datasheet(PDF) 14 Page - STMicroelectronics

Part # TA0310
Description  High Speed Operational Amplifiers for 75廓 Video Lines
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TA0310 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button TA0310 Datasheet HTML 6Page - STMicroelectronics TA0310 Datasheet HTML 7Page - STMicroelectronics TA0310 Datasheet HTML 8Page - STMicroelectronics TA0310 Datasheet HTML 9Page - STMicroelectronics TA0310 Datasheet HTML 10Page - STMicroelectronics TA0310 Datasheet HTML 11Page - STMicroelectronics TA0310 Datasheet HTML 12Page - STMicroelectronics TA0310 Datasheet HTML 13Page - STMicroelectronics TA0310 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
14/14
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences
of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted
by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject
to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not
authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics
All other names are the property of their respective owners
© 2004 STMicroelectronics - All Rights Reserved
STMicroelectronics GROUP OF COMPANIES
Australia - Belgium - Brazil - Canada - China - Czech Repubic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan
Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States
www.st.com
Notes on video line driving
TA0310
Figure 19: TSH11x behavior on capaload
110
100
0
1
2
3
4
5
6
7
8
TSH11x, Gain = +2
Capa Load = 30pF
R Load = 1kohms
Vcc = 0/+5V
Rs = 39ohms
Vcc = -5V/+5V
Rs = 30ohms
Frequency (MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com