Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA0310 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TA0310
Description  High Speed Operational Amplifiers for 75廓 Video Lines
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TA0310 Datasheet(HTML) 3 Page - STMicroelectronics

  TA0310 Datasheet HTML 1Page - STMicroelectronics TA0310 Datasheet HTML 2Page - STMicroelectronics TA0310 Datasheet HTML 3Page - STMicroelectronics TA0310 Datasheet HTML 4Page - STMicroelectronics TA0310 Datasheet HTML 5Page - STMicroelectronics TA0310 Datasheet HTML 6Page - STMicroelectronics TA0310 Datasheet HTML 7Page - STMicroelectronics TA0310 Datasheet HTML 8Page - STMicroelectronics TA0310 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3/14
Video signal bandwidth versus resolution
TA0310
The third type of signal format is composite video (CVBS). The aim of this signal format is to combine all
the video components into only one signal. CVBS is the sum of Y and C. This signal format is the lowest
quality format.
5 Video signal bandwidth versus resolution
Standard Definition (SD):
Video signal used in standard interlaced video with a TV screen of 720*480 pixels (type: 480I). The
bandwidth is up to 6MHz.
Figure 2: Video formats and standard plugs
Figure 3: Video spectrum for Standard Definition
RCA JACK
video line
75
Ω
75
Ω
Pr, V, Q
MPEG
DECODER
video line
75
Ω
video line
75
Ω
Pb, U, I
Y
Filtering
Filtering
Filtering
MPEG
DECODER
video line
75
Ω
video line
75
Ω
C
Y
Filtering
Filtering
MPEG
DECODER
video line
75
Ω
CVBS
Filtering
MINI JACK DIN
USCHIDEN
RCA JACK
1
YUV, YPbPr,YIQ
YC
CVBS
SCART
75
Ω
75
Ω
75
Ω
75
Ω
75
Ω
6MHz
1Vp-p
Amplitude
Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com