Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA0310 Datasheet(PDF) 8 Page - STMicroelectronics

Part # TA0310
Description  High Speed Operational Amplifiers for 75廓 Video Lines
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TA0310 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TA0310 Datasheet HTML 4Page - STMicroelectronics TA0310 Datasheet HTML 5Page - STMicroelectronics TA0310 Datasheet HTML 6Page - STMicroelectronics TA0310 Datasheet HTML 7Page - STMicroelectronics TA0310 Datasheet HTML 8Page - STMicroelectronics TA0310 Datasheet HTML 9Page - STMicroelectronics TA0310 Datasheet HTML 10Page - STMicroelectronics TA0310 Datasheet HTML 11Page - STMicroelectronics TA0310 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8/14
TA0310
Notes on video line driving
Implementation of TSH11x family in single supply 0/+5V:
Cin-R3 behaves like a high pass input filter (fc=16Hz) and removes the original DC component of the
video signal to create a "floating" signal. The R1-R2 resistor divider provides the new DC component. The
minimum level of that DC component must be ½VOL max (tested value). In order to limit the current
through R1 and R2, the value of these resistances must be sufficiently high. The maximum values of R1
and R2 are calculated to in order to arrive at +Ibias max (see datasheet) equal to 1% of the current
through R1 and R2. Cout removes the DC component to go back to the original video signal to fit with TV
requirements.
Figure 9: Implementation of the TSH11x in single supply 0/+5V
video line
75
Ω
75
Ω
680
Ω
+
-
+5V
TSH11x
0V
Cin(10µ)
+5V
+
1µ
10n
Addition of a
new DC
component
Cout
(220µ)
R3
1k
1Vpp
0Volt
R1
R2
Twice the DC component (2Vdc)
0Volt
5Volt
Rail of TSH11x : +1.2V max (tested)
680
Ω
2
R
1
R
2
R
Vcc
Vdc
+
×
=
1Vpp
0Volt
Removes the
original DC
component
Removes the DC
component
Fc<5Hz
5V
0V
1Vp-p
Signal on the line
300mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com