Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA0310 Datasheet(PDF) 13 Page - STMicroelectronics

Part # TA0310
Description  High Speed Operational Amplifiers for 75廓 Video Lines
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TA0310 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TA0310 Datasheet HTML 6Page - STMicroelectronics TA0310 Datasheet HTML 7Page - STMicroelectronics TA0310 Datasheet HTML 8Page - STMicroelectronics TA0310 Datasheet HTML 9Page - STMicroelectronics TA0310 Datasheet HTML 10Page - STMicroelectronics TA0310 Datasheet HTML 11Page - STMicroelectronics TA0310 Datasheet HTML 12Page - STMicroelectronics TA0310 Datasheet HTML 13Page - STMicroelectronics TA0310 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
13/14
Notes on video line driving
TA0310
Because of this, in series we place a resistance, Rs, which is used as isolation in order to limit the effect
of the capacitor on the op-amp stability.
The following graphs in Figures 18 and 19 give the frequency response of the TSH7x-8x and TSH11x
family when loaded by a chip-set input. 30pF is the worst case; a typical value is 10pF).
Figure 17: Typical load
Figure 18: TSH7x-8x behavior on capa-load
+
_
RG
1k
Ω
Rs
Rfb
TSH
30pF
Analog-to-Digital
Converter input
75
Ω
Video Line
TV or Set-top-box input
Set-top-box
DVD
Video Camera
1M
10M
100M
0
1
2
3
4
5
6
7
8
TSH7x-8x, Gain = +2
Capa Load = 30pF
R Load = 1kohms
Vcc = -5V/+5V
Rs = 82ohms
Vcc = 0/+5V
Rs = 91ohms
Frequency (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com