Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA0310 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TA0310
Description  High Speed Operational Amplifiers for 75廓 Video Lines
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TA0310 Datasheet(HTML) 4 Page - STMicroelectronics

  TA0310 Datasheet HTML 1Page - STMicroelectronics TA0310 Datasheet HTML 2Page - STMicroelectronics TA0310 Datasheet HTML 3Page - STMicroelectronics TA0310 Datasheet HTML 4Page - STMicroelectronics TA0310 Datasheet HTML 5Page - STMicroelectronics TA0310 Datasheet HTML 6Page - STMicroelectronics TA0310 Datasheet HTML 7Page - STMicroelectronics TA0310 Datasheet HTML 8Page - STMicroelectronics TA0310 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4/14
TA0310
Video signal bandwidth versus resolution
Progressive Video (PV):
The image is not interlaced. The aim is to increase its quality. The bandwidth of this signal is twice the
standard definition bandwidth, 12MHz. Such a signal fits with progressive TVs, 720*480 pixels (type:
480P) and it in increasingly common in DVD players. However, because of competition with 100Hz TVs,
this format is not popular in Europe yet.
High Definition (HDTV):
The goal is to improve the definition of the image by increasing the quantity of lines and pixels per line.
The bandwidth of the video signal is up to 30MHz and the signal fits with TV screens of progressive
1280*1920 pixels (type: 1280P) and interlaced 1920*1080 pixels (1080I). HDTV is now popular in the
USA, and is starting to become so in Asia and Europe.
Figure 4: Video spectrum for Progressive video
Figure 5: Video spectrum for HDTV
12MHz
1Vp-p
Amplitude
Frequency
30MHz
Frequency
1Vp-p
Amplitude



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com