Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA0310 Datasheet(PDF) 12 Page - STMicroelectronics

Part # TA0310
Description  High Speed Operational Amplifiers for 75廓 Video Lines
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TA0310 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TA0310 Datasheet HTML 6Page - STMicroelectronics TA0310 Datasheet HTML 7Page - STMicroelectronics TA0310 Datasheet HTML 8Page - STMicroelectronics TA0310 Datasheet HTML 9Page - STMicroelectronics TA0310 Datasheet HTML 10Page - STMicroelectronics TA0310 Datasheet HTML 11Page - STMicroelectronics TA0310 Datasheet HTML 12Page - STMicroelectronics TA0310 Datasheet HTML 13Page - STMicroelectronics TA0310 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
12/14
TA0310
Notes on video line driving
Notes concerning the video input stage
Behavior on capacitive load
As explained in Section 3 on page 1, a high speed op-amp can be used for matching the video signal to
the input stage of a TV or set-top-box. The input of a chip-set (typically the input of an analog to digital
converter) is mainly a pure resistor approximately 1k
Ω or 2kΩ in parallel with a capacitor of some of 10pF.
Figure 15: STm5588 (DVD chip). Fs=54MHz for PV outputs. 12MHz LPF to limit the 54MHz
Figure 16: Fs=74.25MHz for HD outputs. 30MHz LPF to limit the 74.25MHz
12MHz
1Vp-p
Amplitude
Frequency
54MHz
(STm5588)
Filtering
Parasitic frequency due
to sampling of the DAC
42MHz
74.25MHz
(STi7710)
Filtering
Parasitic frequency due
to sampling of the DAC
44.25MHz
30MHz
Frequency
1Vp-p
Amplitude



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com