Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA0310 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TA0310
Description  High Speed Operational Amplifiers for 75廓 Video Lines
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TA0310 Datasheet(HTML) 5 Page - STMicroelectronics

  TA0310 Datasheet HTML 1Page - STMicroelectronics TA0310 Datasheet HTML 2Page - STMicroelectronics TA0310 Datasheet HTML 3Page - STMicroelectronics TA0310 Datasheet HTML 4Page - STMicroelectronics TA0310 Datasheet HTML 5Page - STMicroelectronics TA0310 Datasheet HTML 6Page - STMicroelectronics TA0310 Datasheet HTML 7Page - STMicroelectronics TA0310 Datasheet HTML 8Page - STMicroelectronics TA0310 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5/14
Signal amplitude
TA0310
6 Signal amplitude
Figure 6 below shows the typical amplitude of a video signal including synchronization, black level (as
amplitude reference 0), white level and colours.
7 ST’s high-speed op-amps
Available in full production, ST offers 4 op-amp families in the high-speed op-amp portfolio that provide a
broad choice to customers. These 4 families are complementary.
l TSH7x: VFA, GBP=100MHz, 3V to 12V power supply, input/output rail to rail.
l TSH8x: VFA, GBP=100MHz, 4.5V to 12V power supply, input/output rail to rail.
l TSH9x: VFA, GBP=130MHz, 12V power supply, noise=4.2nV/
√Hz, consumption=4.5mA
l TSH11x: CFA, -3dB Bw=100MHz, 5V to 12V power supply, noise=3nV/
√Hz, consumption=3mA
(datasheets available on www.st.com)
Figure 6: Video signal amplitudes including colours and luma
Synchronization
~0V
300mV
1V
Black Level
White Level
Active Video



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com