Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92141 Datasheet(PDF) 147 Page - STMicroelectronics

Part # ST92141
Description  8/16-BIT MCU FOR 3-PHASE AC MOTOR CONTROL
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92141 Datasheet(HTML) 147 Page - STMicroelectronics

Back Button ST92141 Datasheet HTML 143Page - STMicroelectronics ST92141 Datasheet HTML 144Page - STMicroelectronics ST92141 Datasheet HTML 145Page - STMicroelectronics ST92141 Datasheet HTML 146Page - STMicroelectronics ST92141 Datasheet HTML 147Page - STMicroelectronics ST92141 Datasheet HTML 148Page - STMicroelectronics ST92141 Datasheet HTML 149Page - STMicroelectronics ST92141 Datasheet HTML 150Page - STMicroelectronics ST92141 Datasheet HTML 151Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 179 page
background image
147/179
ST92141 - ANALOG TO DIGITAL CONVERTER (ADC)
7.6 ANALOG TO DIGITAL CONVERTER (ADC)
Important Note: This chapter is a generic descrip-
tion of the ADC peripheral. However depending on
the ST9 device, some or all of the interface signals
described may not be connected to external pins.
For the list of ADC pins present on the ST9 device,
refer to the device pinout description in the first
section of the data sheet.
7.6.1 Introduction
The Analog to Digital Converter (ADC) comprises
an input multiplex channel selector feeding a suc-
cessive approximation converter.
The conversion time depends on the INTCLK fre-
quency and the prescaler factor stored in the
PR[2:0] bits of the CRR register (R252).
The minimum conversion time is 138 INTCLK and
with the maximum prescaling factor it becomes
about 16 times longer.
For instance, with INTCLK at 20 MHz and PR[2:0]
equal to "111", conversion of the selected channel
requires 6.9µs.
It requires 27.45µs if PR[2:0]
equals "110" and so on. Refer to Table 30 for the
list of conversion and sampling times.
The 6.9µs time includes the 4
µs required by the
built-in Sample and Hold circuitry, which minimiz-
es the need for external components and allows
quick sampling of the signal to minimise warping
and conversion error.
Conversion resolution is 8 bits, with ±1 LSB maxi-
mum error in the input range between VSS and the
analog VDD reference.
The converter uses a fully differential analog input
configuration for the best noise immunity and pre-
cision performance. Two separate supply refer-
ences are provided to ensure the best possible
supply noise rejection. In fact, the converted digital
value, is referred to the analog reference voltage
which determines the full scale converted value.
Naturally
, Analog and Digital VSS MUST be com-
mon. If analog supplies are not present, input ref-
erence voltages are referred to the digital ground
and supply.
Up to 8 multiplexed Analog Inputs are available,
depending on the specific device type. A group of
signals can be converted sequentially by simply
programming the starting address of the first ana-
log channel to be converted and with the AUTO-
SCAN feature.
Two Analog Watchdogs are provided, allowing
continuous hardware monitoring of two input chan-
nels. An Interrupt request is generated whenever
the converted value of either of these two analog
inputs is outside the upper or lower programmed
threshold values. The comparison result is stored
in a dedicated register.
Figure 78. Block Diagram
INTERRUPT UNIT
INT. VECTOR POINTER
INT. CONTROL REGISTER
COMPARE RESULT REGISTER
THRESHOLD REGISTER
THRESHOLD REGISTER
THRESHOLD REGISTER
THRESHOLD REGISTER
7U
7L
6U
6L
COMPARE LOGIC
DATA REGISTER 7
DATA REGISTER 6
DATA REGISTER 5
DATA REGISTER 4
DATA REGISTER 3
DATA REGISTER 2
DATA REGISTER 1
DATA REGISTER 0
SUCCESSIVE APPROXIMATION
A/D CONVERTER
ANALOG
MUX
AIN 7
AIN 6
AIN 5
AIN 4
AIN 3
AIN 2
AIN 1
AIN 0
CONVERSION
RESULT
AUTOSCAN LOGIC
CONTROL REG.
CONTROL
LOGIC
INTERNAL
TRIGGER
EXTERNAL
TRIGGER
VA00223
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com