Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92141 Datasheet(PDF) 149 Page - STMicroelectronics

Part # ST92141
Description  8/16-BIT MCU FOR 3-PHASE AC MOTOR CONTROL
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92141 Datasheet(HTML) 149 Page - STMicroelectronics

Back Button ST92141 Datasheet HTML 145Page - STMicroelectronics ST92141 Datasheet HTML 146Page - STMicroelectronics ST92141 Datasheet HTML 147Page - STMicroelectronics ST92141 Datasheet HTML 148Page - STMicroelectronics ST92141 Datasheet HTML 149Page - STMicroelectronics ST92141 Datasheet HTML 150Page - STMicroelectronics ST92141 Datasheet HTML 151Page - STMicroelectronics ST92141 Datasheet HTML 152Page - STMicroelectronics ST92141 Datasheet HTML 153Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 179 page
background image
149/179
ST92141 - ANALOG TO DIGITAL CONVERTER (ADC)
ANALOG TO DIGITAL CONVERTER (Cont’d)
On devices where two A/D Converters are present
they can be triggered from the same source.
7.6.2.3 Analog Watchdogs
Two internal Analog Watchdogs are available for
highly flexible automatic threshold monitoring of
external analog signal levels.
Analog channels 6 and 7 monitor an acceptable
voltage level window for the converted analog in-
puts. The external voltages applied to inputs 6 and
7 are considered normal while they remain below
their respective Upper thresholds, and above or at
their respective Lower thresholds.
When the external signal voltage level is greater
than, or equal to, the upper programmed voltage
limit, or when it is less than the lower programmed
voltage limit, a maskable interrupt request is gen-
erated and the Compare Results Register is up-
dated in order to flag the threshold (Upper or Low-
er) and channel (6 or 7) responsible for the inter-
rupt. The four threshold voltages are user pro-
grammable in dedicated registers (08h to 0Bh) of
the ADC register page. Only the 4 MSBs of the
Compare Results Register are used as flags, each
of the four MSBs being associated with a threshold
condition.
Following a reset, these flags are reset. During
normal ADC operation, the CRR bits are set, in or-
der to flag an out of range condition and are auto-
matically reset by hardware after a software reset
of the Analog Watchdog Request flag in the ICR
Register.
7.6.2.4 Power Down Mode
Before enabling an A/D conversion, the POW bit of
the Control Logic Register must be set; this must
be done at least 60µs before the first conversion
start, in order to correctly bias the analog section
of the converter circuitry.
When the ADC is not required, the POW bit may
be reset in order to reduce the total power con-
sumption. This is the reset configuration, and this
state is also selected automatically when the ST9
is placed in Halt Mode (following the execution of
the halt instruction).
Figure 79. A/D Trigger Source
Converter
External Trigger
On Chip Event
(Internal trigger)
A/D 0
EXTRG pin
MFT 0
A/D 1
Analog Voltage
Upper threshold
Lower threshold
Normal Area
(Window Guarded)
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com