Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92141 Datasheet(PDF) 152 Page - STMicroelectronics

Part # ST92141
Description  8/16-BIT MCU FOR 3-PHASE AC MOTOR CONTROL
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92141 Datasheet(HTML) 152 Page - STMicroelectronics

Back Button ST92141 Datasheet HTML 148Page - STMicroelectronics ST92141 Datasheet HTML 149Page - STMicroelectronics ST92141 Datasheet HTML 150Page - STMicroelectronics ST92141 Datasheet HTML 151Page - STMicroelectronics ST92141 Datasheet HTML 152Page - STMicroelectronics ST92141 Datasheet HTML 153Page - STMicroelectronics ST92141 Datasheet HTML 154Page - STMicroelectronics ST92141 Datasheet HTML 155Page - STMicroelectronics ST92141 Datasheet HTML 156Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 179 page
background image
152/179
ST92141 - ANALOG TO DIGITAL CONVERTER (ADC)
REGISTER DESCRIPTION (Cont’d)
LOWER THRESHOLD REGISTERS (LTiR)
The two Lower Threshold registers are used to
store the user programmable lower threshold 8-bit
values, to be compared with the current conver-
sion results, thus setting the lower window limit.
CHANNEL 6 LOWER THRESHOLD REGISTER
(LT6R)
R248 - Read/Write
Register Page: 63
Reset Value: undefined
Bit 7:0 = LT6.[7:0]: Channel 6 Lower Threshold
CHANNEL 7 LOWER THRESHOLD REGISTER
(LT7R)
R249 - Read/Write
Register Page: 63
Reset Value: undefined
Bit 7:0 = LT7.[7:0]:
Channel 7 Lower Threshold
UPPER THRESHOLD REGISTERS (UTIR)
The two Upper Threshold registers are used to
store the user programmable upper threshold 8-bit
values, to be compared with the current conver-
sion results, thus setting the upper window limit.
CHANNEL 6 UPPER THRESHOLD REGISTER
(UT6R)
R250 - Read/Write
Register Page: 63
Reset Value: undefined
Bit 7:0 = UT6.[7:0]:
Channel 6 Upper Threshold
value
CHANNEL 7 UPPER THRESHOLD REGISTER
(UT7R)
R251 - Read/Write
Register Page: 63
Reset Value: undefined
Bit 7:0 = UT7.[7:0]:
Channel 7 Upper Threshold
value
70
LT6.7 LT6.6 LT6.5 LT6.4 LT6.3 LT6.2 LT6.1 LT6.0
70
LT7.7 LT6.7 LT7.5 LT7.4 LT7.3 LT7.2 LT7.1 LT7.0
70
UT6.7
UT6.6 UT6.5
UT6.4
UT6.3 UT6.2
UT6.1 UT6.0
70
UT7.7
UT6.7 UT7.5
UT7.4
UT7.3 UT7.2
UT7.1 UT7.0
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com