Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92141 Datasheet(PDF) 156 Page - STMicroelectronics

Part # ST92141
Description  8/16-BIT MCU FOR 3-PHASE AC MOTOR CONTROL
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92141 Datasheet(HTML) 156 Page - STMicroelectronics

Back Button ST92141 Datasheet HTML 152Page - STMicroelectronics ST92141 Datasheet HTML 153Page - STMicroelectronics ST92141 Datasheet HTML 154Page - STMicroelectronics ST92141 Datasheet HTML 155Page - STMicroelectronics ST92141 Datasheet HTML 156Page - STMicroelectronics ST92141 Datasheet HTML 157Page - STMicroelectronics ST92141 Datasheet HTML 158Page - STMicroelectronics ST92141 Datasheet HTML 159Page - STMicroelectronics ST92141 Datasheet HTML 160Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 179 page
background image
156/179
ST92141 - ELECTRICAL CHARACTERISTICS
8 ELECTRICAL CHARACTERISTICS
This product contains devices to protect the inputs
against damage due to high static voltages, how-
ever it is advisable to take normal precautions to
avoid application of any voltage higher than the
specified maximum rated voltages.
For proper operation it is recommended that VIN
and VO be higher than VSS and lower than VDD.
Reliability is enhanced if unused inputs are con-
nected to an appropriate logic voltage level (VDD
or VSS).
Power Considerations. The average chip-junc-
tion temperature, TJ, in Celsius can be obtained
from:
TJ =TA + PD x RthJA
Where: TA =
Ambient Temperature.
RthJA = Package thermal resistance
(junction-to ambient).
PD =
PINT + PPORT.
PINT =IDD x VDD (chip internal power).
PPORT = Port power dissipation
(determined by the user)
ABSOLUTE MAXIMUM RATINGS
Note:
Stresses above those listed as “absolute maximum ratings“ may cause permanent damage to the device. This is a stress rating only and
functional operation of the device at these conditions is not implied. Exposure to maximum rating conditions for extended periods may affect
device reliability. All voltages are referenced to VSS=0.
(1) AVDD can be shut down while the A/D Converter is not in use.
THERMAL CHARACTERISTICS
RECOMMENDED OPERATING CONDITIONS
Note:
(1) Device is reset whenever Supply Voltage is below LVD Thresholds
(2) 1MHz when A/D is used with its internal Prescaler programmed to 1.
Symbol
Parameter
Value
Unit
VDD
Supply Voltage
– 0.3 to 6.5
V
AVDD
A/D Converter Analog Reference
up to VDD + 0.3
(1)
V
AVSS
A/D Converter VSS
VSS
VIN
Input Voltage (standard I/O pins)
– 0.3 to VDD + 0.3
V
VAIN
Analog Input Voltage (A/D Converter)
AVSS to AVDD
V
ESD
ESD susceptibility
2000
V
TSTG
Storage Temperature
– 55 to +150
°C
IINJ
Pin Injection Current - Digital and Analog Input
+/- 10
mA
Maximum Accumulated Pin Injection Current
+/- 100
mA
Symbol
Package
Value
Unit
RthJA
PDIP32Sh
PSO34Sh
60
75
°C/W
Symbol
Parameter
Value
Unit
Min
Max
TA
Operating Temperature
–40
85
°C
VDD
Operating Supply Voltage(1)
4.5
5.5
V
AVDD
Analog Supply Voltage
0
VDD + 0.3
V
fINTCLK
Internal Clock Frequency @ 4.5V - 5.5V
0(2)
25
MHz
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com