Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92141 Datasheet(PDF) 153 Page - STMicroelectronics

Part # ST92141
Description  8/16-BIT MCU FOR 3-PHASE AC MOTOR CONTROL
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92141 Datasheet(HTML) 153 Page - STMicroelectronics

Back Button ST92141 Datasheet HTML 149Page - STMicroelectronics ST92141 Datasheet HTML 150Page - STMicroelectronics ST92141 Datasheet HTML 151Page - STMicroelectronics ST92141 Datasheet HTML 152Page - STMicroelectronics ST92141 Datasheet HTML 153Page - STMicroelectronics ST92141 Datasheet HTML 154Page - STMicroelectronics ST92141 Datasheet HTML 155Page - STMicroelectronics ST92141 Datasheet HTML 156Page - STMicroelectronics ST92141 Datasheet HTML 157Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 179 page
background image
153/179
ST92141 - ANALOG TO DIGITAL CONVERTER (ADC)
REGISTER DESCRIPTION (Cont’d)
COMPARE RESULT REGISTER (CRR)
R252 - Read/Write
Register Page: 63
Reset Value: 0000 1111 (0Fh)
The result of the comparison between the current
value of data registers 6 and 7 and the threshold
registers is stored in the 4 most significant bits of
this register.
Bit 7 = C7U:
Compare Reg 7 Upper threshold
Set when converted data is greater than or equal
to the threshold value. Not affected otherwise.
Bit 6 = C6U:
Compare Reg 6 Upper threshold
Set when converted data is greater than or equal
to the threshold value. Not affected otherwise.
Bit 5 = C7L:
Compare Reg 7 Lower threshold
Set when converted data is less than the threshold
value. Not affected otherwise.
Bit 4 = C6L:
Compare Reg 6 Lower threshold
Set when converted data is less than the threshold
value. Not affected otherwise.
These bits should be reset at the end of the “Out of
Range” interrupt service routine.
Note: Any software reset request of the ICR, will
also cause all the compare status bits to forced by
hardware to zero, in order to prevent possible
overwriting if an interrupt request occurs between
reset and the Interrupt request software reset.
Bit 3 = undefined, return '1' when red.
Bit 2:0 = PR[2:0]:
Clock divider bits
These bits enable a frequency division factor de-
pending on the value stored:
Table 30. Frequency Division Factors
Warning: If the prescaler programming value is
changed during a conversion, the user has to re-
start the conversion (i.e. simply rewriting the CLR
register with the same value).
70
C7U
C6U
C7L
C6L
X
PR2
PR1
PR0
PR[2:0]
bits
Freq. Div.
Factor
(FDF)
Max. con-
version
time
(INTCLK)
Min. sam-
pling time
(INTCLK)
1 1 1
1 1 0
1 0 1
1 0 0
0 1 1
0 1 0
0 0 1
0 0 0
1
4
6
8
10
12
14
16
138
552
828
1104
1380
1656
1932
2208
84
336
504
672
840
1008
1176
1344
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com